| Electronic Components Datasheet Search |
|
LTH2 Marking, LT3465 Datasheet(PDF) 22 Page - Linear Technology |
|
||||||||||||||||||||||||||||||
LT3465 Datasheet(HTML) 22 Page - Linear Technology |
|
22 / 24 page ![]() LT3498 22 3498f TYPICAL APPLICATIONS SHUTDOWN AND DIMMING CONTROL SHUTDOWN AND CONTROL VIN C2 0.47 µF 24V 24mA L2 10 µH L1 15 µH D1 VIN = 3V TO 5V VOUT2 RFB2 2.21M Ω 3498 TA06 LT3498 SW1 CAP1 SW2 CAP2 FB2 CTRL1 LED1 CTRL2 GND2 GND1 C3 10 µF ON OFF ON OFF CIN 4.7 µF CIN, C2: X5R OR X7R WITH SUFFICIENT VOLTAGE RATING C1: TAIYO YUDEN GMK212BJ105KG C3: TAIYO YUDEN TMK316BJ106ML D1: CENTRAL SEMICONDUCTOR CMDSH-3 L1: MURATA LQH32CN150K53 L2: MURATA LQH32CN100K53 RSENSE1 10 Ω C1 1 µF 20mA LED Efficiency, VIN = 3.6V, 6 LEDs OLED Efficiency and Power Loss VIN = 3.6V, VOUT2 = 16V Li-Ion to Six White LEDs and OLED/LCD Bias LED CURRENT (mA) 0 65 70 80 15 60 55 510 20 50 75 3498 TA06b LOAD CURRENT (mA) 65 70 80 60 50 40 55 45 75 250 300 400 200 100 0 150 50 350 3498 TA06c LOAD FROM VOUT2 LOAD FROM CAP2 POWER LOSS FROM VOUT2 POWER LOSS FROM CAP2 0.1 10 1 100 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |