| Electronic Components Datasheet Search |
|
LTH2 Marking, LT3465 Datasheet(PDF) 6 Page - Linear Technology |
|
||||||||||||||||||||||||||||||
LT3465 Datasheet(HTML) 6 Page - Linear Technology |
|
6 / 24 page ![]() LT3498 6 3498f TYPICAL PERFORMANCE CHARACTERISTICS LED Switching Waveforms LED Transient Response OLED Switching Waveforms with No Load OLED Switching Waveforms with 4mA Load OLED Switching Waveforms with 35mA Load OLED Switching Waveforms During Start-Up PIN FUNCTIONS LED1 (Pin 1): Connection Point Between the Anode of the Highest LED and the Sense Resistor. The LED current can be programmed by: I mV R LED SENSE 1 1 200 = CTRL1 (Pin 2): Dimming and Shutdown Pin. Connect this pin below 75mV to disable the white LED driver. As the pin voltage is ramped from 0V to 1.5V, the LED current ramps from 0 to (ILED1 = 200mV / RSENSE1). GND1, 2 (Pins 3, 4): Ground. Tie directly to local ground plane. GND1 and GND2 are connected internally. CTRL2 (Pin 5): Dimming and Shutdown Pin. Connect it below 75mV to disable the low noise boost converter. As the pin voltage is ramped from 0V to 1.5V, the output ramps up to the programmed output voltage. FB2 (Pin 6): Feedback Pin. Reference voltage is 1.215V. There is an internal 182kΩ resistor from FB2 to GND. To achieve desired output voltage, choose RFB2 according to the following formula: R V k FB OUT 2 2 182 1 215 1 =− ⎛ ⎝⎜ ⎞ ⎠⎟ • . Ω TA = 25°C, unless otherwise specified. 500ns/DIV VSW 10V/DIV VCAP1 50mV/DIV IL 100mA/ DIV 3498 G19 VIN = 3.6V FRONT PAGE APPLICATION 1ms/DIV VCAP1 5V/DIV VCTRL1 5V/DIV IL 200mA/ DIV 3498 G20 VIN = 3.6V FRONT PAGE APPLICATION 5 µs/DIV VOUT2 10mV/DIV AC COUPLED SW2 VOLTAGE 10V/DIV INDUCTOR CURRENT 50mA/DIV 3498 G21 VIN = 3.6V VOUT2 = 16V 3498 G22 2 µs/DIV VOUT2 10mV/DIV AC COUPLED SW2 VOLTAGE 10V/DIV INDUCTOR CURRENT 200mA/DIV VIN = 3.6V VOUT2 = 16V 3498 G23 500ns/DIV SW2 VOLTAGE 10V/DIV VOUT2 10mV/DIV AC COUPLED INDUCTOR CURRENT 200mA/DIV VIN = 3.6V VOUT2 = 16V 3498 G24 500 µs/DIV VOUT2 VOLTAGE 5V/DIV CAP2 VOLTAGE 5V/DIV INDUCTOR CURRENT 100mA/DIV VIN = 3.6V VOUT2 = 16V |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |