Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATECC508A Datasheet(PDF) 27 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 27 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 23Page - Microchip Technology ATECC508A Datasheet HTML 24Page - Microchip Technology ATECC508A Datasheet HTML 25Page - Microchip Technology ATECC508A Datasheet HTML 26Page - Microchip Technology ATECC508A Datasheet HTML 27Page - Microchip Technology ATECC508A Datasheet HTML 28Page - Microchip Technology ATECC508A Datasheet HTML 29Page - Microchip Technology ATECC508A Datasheet HTML 30Page - Microchip Technology ATECC508A Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 109 page
background image
Name
Length
Description
NoMacFlag
1 bit
0 = The contents of TempKey were generated and can be used with any of the
MAC commands.
1 = The contents of TempKey were generated using the value in a slot for which
SlotConfig.NoMac is one, and therefore cannot be used by the MAC and
HMAC commands. If multiple slots were used in the calculation of TempKey,
then this bit will be set if SlotConfig.NoMac was set for any of those slots.
Also cannot be used with the SHA command in HMAC mode.
Valid
1 bit
0 =
The information in TempKey is invalid.
1 =
The information in TempKey is valid.
In this specification, TempKey refers to the contents of the 256-bit data register. The remaining bit fields
are referred to as TempKey.SourceFlag, TempKey.GenDigData, and so forth.
The TempKey.Valid bit is cleared to zero during power-up, sleep, brown-out, watchdog expiration, or
tamper detection. The contents of TempKey are retained when the device enters idle mode. Depending
upon the command and the circumstances, the TempKey.Valid bit is also cleared as follows:
•
Nonce, GenKey, or GenDig Commands:
TempKey.Valid will be cleared on any error other than CRC (communications) or ECC (retry).
•
CheckMac Command:
TempKey.Valid will be cleared unless a successful copy takes place (Section Password Checking).
•
Info Command:
TempKey.Valid is not modified regardless of success or failure.
•
All Others:
TempKey.Valid will be cleared for all return codes (including success) other than CRC
(communications) or ECC (retry).
ATECC508A
Device Organization
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com