| Electronic Components Datasheet Search |
|
ATECC508A Datasheet(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ATECC508A Datasheet(HTML) 15 Page - Microchip Technology |
|
15 / 109 page ![]() Byte Name Description Write Read 52–59 Counter<0> Monotonic counter that can optionally be connected to keys via the SlotConfig.LimitedUse bit. Can count to a value of 2,097,151 and can never be decremented. If Config unlocked Always 60–67 Counter<1> Second monotonic counter, not connected to any keys. If Config unlocked Always 68–83 LastKeyUse 128 bits to control limited use for KeyID 15. Initialized to 0xFF. See Section Limited Use Key (Slot 15 only). If Config unlocked Always 84 UserExtra One byte value that can be modified via the UpdateExtra command after the Data zone has been locked. Via Update Extra Cmd only Always 85 Selector Selects which device will remain in active mode after execution of the Pause command. See Sections , Pause Command and UpdateExtra Command). Via Update Extra Cmd only Always 86 LockValue Enables the Data and OTP zone polices set in the configuration zone. 0x55 = unlocked; 0x00 = locked. On shipment from Microchip, this byte has a value of 0x55 corresponding to the unlocked state. After the Lock command has been run, this byte will have a value of 0x00. See Section EEPROM Locking. When locked, the OTP zone, when in consumption mode, can be modified only with the Write command, and slots in the data zone can be modified only if the corresponding WriteConfig field so indicates. When unlocked, the Read command is prohibited within these two zones. Via Lock command only Always 87 LockConfig Controls the ability to modify the Configuration zone. 0x55 = unlocked; 0x00 = locked. On shipment from Microchip, this byte has a value of 0x55 corresponding to the unlocked state. After the Lock command has been run, this byte will have a value of 0x00. See Section EEPROM Locking. Via Lock command only Always 88–89 SlotLocked A single bit for each slot. If the bit corresponding to a particular slot is zero, the contents of the slot cannot be modified under any circumstances. See Section Lock Command. If Config unlocked, Via Lock command Always 90–91 RFU Must be zero. If Config unlocked Always 92–95 X509format Four individual format bytes are associated with the X.509 certificate formatting of public keys stored within the device. If the value of the byte associated with a particular public key is zero, then these formatting restrictions are ignored and that public key can be If Config unlocked Always ATECC508A Device Organization © 2017 Microchip Technology Inc. Datasheet Complete DS20005927A-page 15 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |