Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATECC508A Datasheet(PDF) 35 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 35 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 31Page - Microchip Technology ATECC508A Datasheet HTML 32Page - Microchip Technology ATECC508A Datasheet HTML 33Page - Microchip Technology ATECC508A Datasheet HTML 34Page - Microchip Technology ATECC508A Datasheet HTML 35Page - Microchip Technology ATECC508A Datasheet HTML 36Page - Microchip Technology ATECC508A Datasheet HTML 37Page - Microchip Technology ATECC508A Datasheet HTML 38Page - Microchip Technology ATECC508A Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 109 page
background image
ECC public keys appear as the input or output parameters to several commands, and they can also be
stored in EEPROM. They are composed of an X value first on the bus or in memory, followed by a Y
value. They are formatted differently depending upon the situation as noted below:
•
The public key is an output of GenKey command or an input to Verify command:
32 bytes of X, then 32 bytes of Y. There are no pad bytes.
•
Write command:
Public keys can be written directly to the EEPROM using Write command and are always
72 bytes long, formatted as follows: 4 pad bytes, 32 bytes of X, four pad bytes, then 32 bytes of Y.
•
GenKey command:
SHA Message: Public keys can be hashed and placed in TempKey by the GenKey command. The
SHA message contains various bytes that are independent of the size of the key. These are
followed by
25 bytes of pad, followed by 32 bytes of X, then 32 bytes of Y.
•
Verify command:
SHA Message: When used to validate a stored public key, the Verify command expects an input
signature created over a SHA-256 digest of a key stored in memory. Such an inner SHA calculation
is always performed over 72 bytes formatted as they are stored in EEPROM as 4 pad bytes, 32
bytes of X, four pad bytes, then 32 bytes of Y.
When a public key is configured to be validated by the Verify command, then the most significant four
bits of the first byte in memory are used internally by the device to save the validation state. They are
always set to the invalid state (0xA) by the Write command, and then may be set to the valid state
(0x5) by the Verify command.
4.2
Sharing the Interface
Multiple cryptoAuthentication devices may share the same interface, as follows:
1.
The system issues a wake token to wake-up all devices.
2.
The system issues the Pause command (Section Pause Command) to put all but one of the
devices into the idle mode. Only the remaining device will then see any of the commands that the
system sends. When the system has completed talking to the one active device, it then sends an
idle flag that puts the remaining active device into the idle mode and the idle devices will ignore.
Steps 1 and 2 are repeated for each device on the wire. If the system has completed communications
with the final device, it should wake up all the devices, and then put all the devices to sleep to reduce
total power consumption.
The device uses the Selector byte within the configuration zone to determine which device stays awake.
Only that device with a Selector value that matches the input parameter of the Pause command will stay
awake. In order to facilitate late configuration of systems which use the multi-device sharing mode, the
following three update capabilities for the selector byte are supported:
•
Unlimited Updates:
At any time, the UpdateExtra command can be executed to write the value in the Selector field of
the Configuration zone. To enable this mode, clear the SelectorMode bit in ChipMode.
•
One-time Field Update:
If the SelectorMode bit is set to one, and the Selector byte has a zero value prior to locking the
configuration zone, then at any time after the configuration zone is locked the UpdateExtra
ATECC508A
General I/O Information
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com