Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATECC508A Datasheet(PDF) 81 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 81 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 77Page - Microchip Technology ATECC508A Datasheet HTML 78Page - Microchip Technology ATECC508A Datasheet HTML 79Page - Microchip Technology ATECC508A Datasheet HTML 80Page - Microchip Technology ATECC508A Datasheet HTML 81Page - Microchip Technology ATECC508A Datasheet HTML 82Page - Microchip Technology ATECC508A Datasheet HTML 83Page - Microchip Technology ATECC508A Datasheet HTML 84Page - Microchip Technology ATECC508A Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 109 page
background image
Table 9-41. Output Parameter
Name
Size
Notes
Success
1
Upon successful completion, ATECC508A returns a value of zero.
9.15
Random Command
The Random command generates a random number for use by the system.
Random numbers are generated through a combination of the output of a hardware RNG and an internal
seed value stored in the EEPROM or SRAM. The external system may choose to update the internally
stored EEPROM seed value prior to the generation of the random number as part of the execution of the
Nonce or Random command.
The Random command does not provide a mechanism to integrate an input number with the internal
stored seed. If this functionality is desired, then the system should use the Nonce command and ignore
the generated Nonce.
Prior to the configuration zone being locked, the RNG produces a value of 0xFF, 0xFF, 0x00,
0x00, 0xFF, 0xFF, 0x00, 0x00 to facilitate testing.
Note:  The same internal stored seeds are used for both the Nonce and Random commands.
Table 9-42. Input Parameters
Name
Size
Notes
Opcode
RANDOM
1
0x1B
Param1
Mode
1
Controls the mechanism of the internal RNG and seed update.
Param2
Zero
2
Must be 0x0000.
Data
Ignored
0
—
Table 9-43. Output Parameter
Name
Size
Notes
RandOut
32
The output of the RNG.
Table 9-44. Mode Encoding
Bits
Meaning
7–1 Must be zero.
0
0 = Automatically update EEPROM seed only if necessary prior to random number generation.
Recommended for highest security.
1 = Generate random number using existing EEPROM seed, do not update EEPROM seed.
9.16
Read Command
The Read command reads words (one four byte word or an 8-word block of 32 bytes) from one of the
memory zones of the device. The data may optionally be encrypted before being returned to the system.
See Section Address Encoding for data zone byte and word addressing information.
ATECC508A
Security Commands
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com