Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATECC508A Datasheet(PDF) 91 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 91 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 87Page - Microchip Technology ATECC508A Datasheet HTML 88Page - Microchip Technology ATECC508A Datasheet HTML 89Page - Microchip Technology ATECC508A Datasheet HTML 90Page - Microchip Technology ATECC508A Datasheet HTML 91Page - Microchip Technology ATECC508A Datasheet HTML 92Page - Microchip Technology ATECC508A Datasheet HTML 93Page - Microchip Technology ATECC508A Datasheet HTML 94Page - Microchip Technology ATECC508A Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 109 page
background image
input data should be passed to the device in the clear. If SlotConfig<14> is set to one, then the
input data should be encrypted and an input MAC calculated. If the slot is individually locked using
SlotLocked, then this command always returns an error.
Four byte writes are only permitted in the data zone if all of the following conditions are met:
•
SlotConfig.IsSecret must be zero.
•
SlotConfig.WriteConfig must be always.
•
The input data must not be encrypted, i.e. Zone<6> must be zero.
•
The data/OTP zones must be locked.
Four byte writes are only permitted in the OTP zone if all of the following conditions are met:
•
OTPmode must be consumption.
•
The input data must not be encrypted, i.e. Zone<6> must be zero.
•
The Data/OTP zones must be locked.
The two input address bytes are formed in a manner to achieve compatibility with the ATSHA204A (see
Section Address Encoding). The least significant three bits, Address<2:0>, indicate the word within the
block, or they are ignored if an entire 32 byte block is being written. Address<6:3> contains the slot
number for writes to the data zone, or the block number for the configuration and OTP zones. For the
data zones, Address<9:8> is used to indicate the block within the slot. Address values beyond the size of
the specified zone result in the command returning an error.
For Slots 8 to 15, if KeyConfig.PubInfo indicates that the slot contains an ECC public key which can be
validated, then the key will be invalidated by writing 0xA to the most significant four bits of byte zero of
Block 0 of the slot when any block within the slot is written. If KeyConfig.PubInfo is zero, then the most
significant four bits of byte zero of Block 0 of the slot are written with the data from the input parameter.
If KeyConfig.PubInfo is one and the ECC public key has been validated, then writes will fail if WriteConfig
is set to 0001 (PubInvalid). Use Verify(Invalidate) to invalidate the public key prior to writing.
Any attempt to write the OTP and/or data zones prior to the configuration zone being locked results in the
device returning an error code. When writing to the data zone, if the corresponding SlotLocked bit is zero,
then this command returns an error regardless of whether or not the OTP/data zones have been locked.
9.21.1
Input Data Encryption
The input data may be encrypted to prevent snooping on the bus during personalization or system
operation. The system should encrypt the data by XORing the plain text with the current value in
TempKey. Upon receipt, the device will XOR the input data with TempKey to restore the plain text prior to
writing to the EEPROM.
Whenever the data is encrypted, an authorizing input MAC is always required. This MAC is computed as
follows:
SHA-256(TempKey, Opcode, Param1, Param2, SN<8>, SN<0:1>, <25 bytes of zeros>, PlainTextData)
Prior to locking of the OTP/Data zones, Zone<6> is used to indicate to the device whether or not the input
data is encrypted. After locking of the OTP/Data zones, Zone<6> is ignored and only bit 14 of the
SlotConfig corresponding to the slot being written is used to determine whether or not the input data is
encrypted.
If data encryption is indicated, TempKey must be valid prior to this command being called, and it must be
the result of GenDig. Specifically, this means that TempKey.Valid and TempKey.GenDigData must both
be set to one. The last slot used by GenDig for TempKey creation and stored in TempKey.KeyID must
ATECC508A
Security Commands
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com