Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9220 Datasheet(PDF) 23 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 23 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 19Page - Microchip Technology LAN9220 Datasheet HTML 20Page - Microchip Technology LAN9220 Datasheet HTML 21Page - Microchip Technology LAN9220 Datasheet HTML 22Page - Microchip Technology LAN9220 Datasheet HTML 23Page - Microchip Technology LAN9220 Datasheet HTML 24Page - Microchip Technology LAN9220 Datasheet HTML 25Page - Microchip Technology LAN9220 Datasheet HTML 26Page - Microchip Technology LAN9220 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 23
LAN9220
The RXCOE supports a maximum of two VLAN tags. If there are more than two VLAN tags, the VLAN protocol identifier
for the third tag is treated as an Ethernet type field. The checksum calculation will begin immediately after the type field.
The RXCOE resides in the RX path within the MAC. As the RXCOE receives an Ethernet frame it calculates the 16-bit
checksum. The RXCOE passes the Ethernet frame to the RX Data FIFO with the checksum appended to the end of the
frame. The RXCOE inserts the checksum immediately after the last byte of the Ethernet frame. The packet length field
in the RX status word (refer to Section 3.13.3) will indicate that the frame size has increased by two bytes to accommo-
date the checksum.
Setting the RXCOE_EN bit in the COE_CR—Checksum Offload Engine Control Register enables the RXCOE, while
the RXCOE_MODE bit selects the operating mode. When the RXCOE is disabled, the received data is simply passed
through the RXCOE unmodified.
FIGURE 3-6:
ETHERNET FRAME WITH VLAN TAG AND SNAP HEADER
FIGURE 3-7:
ETHERNET FRAME WITH MULTIPLE VLAN TAGS AND SNAP HEADER
Note:
• Software applications must stop the receiver and flush the RX data path before changing the state of the
RXCOE_EN or RXCOE_MODE bits.
• When the RXCOE is enabled, automatic pad stripping must be disabled (bit 8 (PADSTR) of the MAC_CR—MAC
Control Register) and vice versa. These functions cannot be enabled simultaneously.
DST
SRC
8
1
0
0
V
I
D
L3 Packet
F
C
S
S
N
A
P
0
S
N
A
P
1
3
L
e
n
0
1
2
{DSAP, SSAP, CTRL,
OUI[23:16]}
{OUI[15:0], PID[15:0]}
4
5
6
Calculate Checksum
1DWORD
DST
SRC
8
1
0
0
V
I
D
L3 Packet
F
C
S
S
N
A
P
0
S
N
A
P
1
5
L
e
n
0
1
2
{DSAP, SSAP, CTRL,
OUI[23:16]}
{OUI[15:0], PID[15:0]}
6
7
8
Calculate Checksum
8
1
0
0
V
I
D
4
1DWORD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com