Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM2153 Datasheet(PDF) 47 Page - STMicroelectronics

Part # UM2153
Description  Discovery kit for IoT node, multi-channel communicationwith STM32L4
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2153 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button UM2153 Datasheet HTML 43Page - STMicroelectronics UM2153 Datasheet HTML 44Page - STMicroelectronics UM2153 Datasheet HTML 45Page - STMicroelectronics UM2153 Datasheet HTML 46Page - STMicroelectronics UM2153 Datasheet HTML 47Page - STMicroelectronics UM2153 Datasheet HTML 48Page - STMicroelectronics UM2153 Datasheet HTML 49Page - STMicroelectronics UM2153 Datasheet HTML 50Page - STMicroelectronics UM2153 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 57 page
background image
Figure 27. ST-MEMS sensors
611
MEMS Sensors
MB1297
D
29/01/2017
Title:
Size:
Reference:
Date:
Sheet:
of
A4
Revision:
Project:
VDD_IO
6
C1
4
SCL/SPC
1
GND
3
SDA/SDI/SDO
11
SDO/SA1
9
CS
10
DRDY
8
Res
2
INT
7
Res
12
VDD
5
U5
LIS3MDL
3V3
GND
Microphone MEMS
GND
GND
Designed by DiZiC
C19
100nF
GND
C18
4.7uF
GND
C20
100nF
GND
GND
C25
100nF
GND
C24
1uF
GND
C26
100nF
GND
GND
C23
100nF
GND
C31
100nF
GND
C30
4.7uF
GND
C29
100nF
GND
VDD_IO
1
SCL/SPC
2
GND
8
SDA/SDI/SDO
4
SDO/SA0
5
CS
6
RES
3
INT_DRDY
7
GND
9
VDD
10
U7
LPS22HB
VDD
1
SCL/SPC
2
DRDY
3
SDA/SDI/SDO
4
GND
5
CS
6
U6
HTS221
3V3
GND
GND
GND
C28
100nF
C27
2.2uF
GPIO1
7
DNC
8
GND
3
XSHUT
5
SCL
10
SDA
9
GND2
4
AVDD_VCSEL
1
AVSS_VCSEL
2
AVDD
11
GND3
6
GND4
12
U4
VL53L0X
3V3
GND
GND
C22
100nF
C21
4.7uF
GND
3V3
R15
10K
R14
10K
INTERNAL-I2C2_SCL
INTERNAL-I2C2_SDA
INTERNAL-I2C2_SCL
INTERNAL-I2C2_SDA
VL53L0X_XSHUT
VL53L0X_GPIO1_EXTI7
INTERNAL-I2C2_SCL
INTERNAL-I2C2_SDA
INTERNAL-I2C2_SCL
INTERNAL-I2C2_SDA
LSM3MDL_DRDY_EXTI8
LPS22HB_INT_DRDY_EXTI10
LSM6DSL_INT1_EXTI11
INTERNAL-I2C2_SCL
INTERNAL-I2C2_SDA
3V3
3V3
3V3
3V3
3V3
3V3
3V3
3V3
3V3
VDDIO
5
SCL
13
SDA
14
SDO/SA0
1
CS
12
SDx
2
INT1
4
SCx
3
nc
11
nc
10
GND
6
GND
7
VDD
8
INT2
9
U3
LSM6DSL
GND
GND
3V3
HTS221_DRDY_EXTI15
Read=10111011 (BBh)
Write=10111010 (BAh)
Read=00111101 (3Dh)
Write=00111100 (3Ch)
Read=11010101 (D5h)
Write=11010100 (D4h)
Read=01010011(53h)
Write=01010010(52h)
Read=10111111 (BFh)
Write=10111110 (BEh)
CLK
3
VDD
1
LR
2
DOUT
4
GND
5
U2
MP34DT01-M
GND
Microphone MEMS
C17
GND
C16
10uF
GND
DFSDM1_DATIN2
DFSDM1_CKOUT
3V3
3V3
R67
10K
CLK
3
VDD
1
LR
2
DOUT
4
GND
5
U10
MP34DT01-M
C74
100nF
C46
10uF
R6
0R
R13
0R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com