Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM2153 Datasheet(PDF) 26 Page - STMicroelectronics

Part # UM2153
Description  Discovery kit for IoT node, multi-channel communicationwith STM32L4
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2153 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button UM2153 Datasheet HTML 22Page - STMicroelectronics UM2153 Datasheet HTML 23Page - STMicroelectronics UM2153 Datasheet HTML 24Page - STMicroelectronics UM2153 Datasheet HTML 25Page - STMicroelectronics UM2153 Datasheet HTML 26Page - STMicroelectronics UM2153 Datasheet HTML 27Page - STMicroelectronics UM2153 Datasheet HTML 28Page - STMicroelectronics UM2153 Datasheet HTML 29Page - STMicroelectronics UM2153 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
Hardware layout and configuration
UM2153
26/57
DocID030118 Rev 3
The LIS3MDL includes an I2C serial bus interface, that supports standard and fast mode
(100 kHz and 400 kHz), and an SPI serial standard interface. On the STM32L4 Discovery
kit IoT node, the I2C2 bus from STM32L475VG is used.
The LIS3MDL is available in a small thin plastic land grid array package (LGA-12
(2.0x2.0x1.0 mm)) and is guaranteed to operate over an extended temperature range of -40
°C to +85 °C.
LIS3MDL is also ECOPACK®, RoHS and “Green” compliant.
7.12.4
3D accelerometer and 3D gyroscope (LSM6DSL)
The LSM6DSL is a system-in-package featuring a 3D digital accelerometer and a 3D digital
gyroscope performing at 0.65 mA in high-performance mode and enabling always-on
low-power features for an optimal motion experience for the consumer.
The event-detection interrupts enable efficient and reliable motion tracking and contextual
awareness, implementing hardware recognition of free-fall events, 6D orientation, click and
double-click sensing, activity or inactivity, and wake-up events.
The LSM6DSL supports main OS requirements, offering real, virtual and batch sensors with
4 Kbytes for dynamic data batching.
The LSM6DSL has been designed to implement features such as significant motion, tilt,
pedometer functions, step detector and step counter, time stamping and to support the data
acquisition of an external magnetometer with ironing correction (hard, soft).
The LSM6DSL has a full-scale acceleration range of ±2/±4/±8/±16 g and an angular rate
range of ±125/±245/±500/±1000/±2000 dps.
The registers embedded inside the LSM6DSL may be accessed through both the I2C and
SPI serial interfaces. On the STM32L4 Discovery kit for IoT node, the I2C2 bus from
STM32L475VGT6 is used.
The LSM6DSL is available in a plastic land grid array (LGA-14L (2.5x3x0.83mm)) package,
ECOPACK®, RoHS and “Green” compliant.
7.12.5
260-1260 hPa absolute digital output barometer (LPS22HB)
The absolute pressure-sensing device LPS22HB is an ultra-compact piezoresistive sensor
which functions as a digital output barometer.
The device comprises a sensing element and an IC interface which communicates from the
sensing element to the application through I2C or SPI. On the STM32L4 Discovery kit for
IoT node the I2C2 bus from the STM32L475VG is used.
The sensing element, which detects absolute pressure, consists of a suspended membrane
manufactured using a dedicated process developed by ST.
The LPS22HB is available in a full-mold, holed LGA package (HLGA). It is guaranteed to
operate over a temperature range extending from -40 °C to +85 °C. The package is holed to
allow external pressure to reach the sensing element.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com