Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM2153 Datasheet(PDF) 52 Page - STMicroelectronics

Part # UM2153
Description  Discovery kit for IoT node, multi-channel communicationwith STM32L4
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2153 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button UM2153 Datasheet HTML 48Page - STMicroelectronics UM2153 Datasheet HTML 49Page - STMicroelectronics UM2153 Datasheet HTML 50Page - STMicroelectronics UM2153 Datasheet HTML 51Page - STMicroelectronics UM2153 Datasheet HTML 52Page - STMicroelectronics UM2153 Datasheet HTML 53Page - STMicroelectronics UM2153 Datasheet HTML 54Page - STMicroelectronics UM2153 Datasheet HTML 55Page - STMicroelectronics UM2153 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 57 page
background image
Figure 32. ST-LINK/V2-1 with support of SWD only
11
11
ST-LINK/V2-1 with support of SWD only
MB1297
D
12/03/2017
Title:
Size:
Reference:
Date:
Sheet:
of
A4
Revision:
Project:
STM_RST
T_JTCK
T_JTMS
STM_JTMS
STM_JTCK
OSC_IN
OSC_OUT
AIN_1
3V3_ST_LINK
3V3_ST_LINK
USB_STLK_N
USB_STLK_P
ST-LINK USB CONNECTOR
STLINK_LED
ST-LINK POWER 3V3 / 150mA
3V3_ST_LINK
Board Ident: PC13=0
T_JTCK
T_JTMS
SWD INTERFACE
3V3_ST_LINK
Fitted: NO
CN8
Header 4 pins
STM_JTMS
STM_JTCK
SWCLK
SWDIO
T_SWDIO_IN
T_SWO
LED_STLINK
LED_STLINK
3V3_ST_LINK
Red
_Green
2
1
3
4
LD6
LD_BICOLOR_CMS
T_NRST
5
1
GND
3
BYPASS
INH
Vin
Vout
U16 LD3985M33R
3V3_ST_LINK
USB_RENUMn
PWR_ENn
3V3_ST_LINK
USB_RENUMn
PWR_ENn
3V3_ST_LINK
3V3_ST_LINK
3V3_ST_LINK
VBAT
1
PC13
2
PA12
33
PC14
3
PC15
4
JTMS/SWDIO
34
OSCIN
5
OSCOUT
6
VSS_2
35
NRST
7
VSSA
8
VDD_2
36
VDDA
9
PA0
10
PA1
11
PA2
12
PB12
25
PB13
26
PB14
27
PB15
28
PA8
29
PA9
30
PA10
31
PA11
32
U15
STM32F103CBT6
5V_USB_ST_LINK
D2
BAT60JFILM
IN
1
IN
2
ON
3
GND
4
SET
5
OUT
6
OUT
7
FAULT
8
U17
ST890CDR
T_SWO
Ilim = 625mA
1.2Ilim = 750mA < Isc
1.5Ilim = 938mA > Isc
Must be on a border or the PCB.
5V_ST_LINK
D3
BAT60JFILM
D4
BAT60JFILM
5V_USB_ST_LINK
5V
VBUS
1
DM
2
DP
3
ID
4
GND
5
Shield
6
Shield
7
Shield
8
Shield
9
EXP
10
EXP
11
CN7
1050170001
USB_STLK_N
USB_STLK_P
5V_USB_ST_LINK
5V_ARD
ST-LINK MCU
ST LINK USB Power switch 5V / 1.2A
ST-LINK DEBUG
5V_USB_FS
D5
BAT60JFILM
1
2
X3
NX3225GD-8.00M
Dz
A2
ID
A3
Pd1
B1
Pup
B2
Vbus
B3
D+in
C1
Pd2
C2
D+out
C3
D-in
D1
GND
D2
D-out
D3
U18
EMIF02-USB03F2
USB_STLK_ID
ESD PROTECTION SHOULD BE CLOSE TO THE CONNECTOR
3V3_ST_LINK
Only footprint with Cable: TC2050-IDC-NL
Fitted: NO
1
10
2
9
3
8
4
7
5
6
CN5
TC2050-IDC-NL
Fitted: NO
1
2
CN6
5V_USB_CHARGER
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
ST-LINK-UART1_TX
ST-LINK-UART1_RX
SYS_JTMS-SWDIO
SYS_JTCK-SWCLK
SYS_JTDO-SWO
STM_NRST
Designed by DiZiC
JP8
1
Q1
BSR14
SB5
Close
SB6
Close
SB7
Close
SB8
Close
R33
22R
R32
22R
R34
22R
R35
22R
SB10
Close
C56
1uF
C57
100nF
C58
10nF
C59
1uF
C55
100nF
SB11
Open
C65
100nF
C64
1uF
R51
R52
R49
R53
2K2
RED
LD7
LED
R44
330R
R47
330R
R45
100R
R46
36K
R48
10K
R50
1K5
R54
100K
C60
100nF
C61
100nF
C62
100nF
C63
100nF
R39
100R
R27
4K7
R28
2K7
R29
100K
R30
Not Fitted (0R)
R31
10K
R36
Not Fitted (10K)
C51
10pF
C52
10pF
C54
100nF
R42
0R
R43
0R
R41
4K7
R40
4K7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com