Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM2153 Datasheet(PDF) 15 Page - STMicroelectronics

Part # UM2153
Description  Discovery kit for IoT node, multi-channel communicationwith STM32L4
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2153 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button UM2153 Datasheet HTML 11Page - STMicroelectronics UM2153 Datasheet HTML 12Page - STMicroelectronics UM2153 Datasheet HTML 13Page - STMicroelectronics UM2153 Datasheet HTML 14Page - STMicroelectronics UM2153 Datasheet HTML 15Page - STMicroelectronics UM2153 Datasheet HTML 16Page - STMicroelectronics UM2153 Datasheet HTML 17Page - STMicroelectronics UM2153 Datasheet HTML 18Page - STMicroelectronics UM2153 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 57 page
background image
DocID030118 Rev 3
15/57
UM2153
Hardware layout and configuration
56
Figure 7. JP4: 5V_ST_LINK selection
•
5V_ARD (see Figure 8) is the 7 to 12 V DC power from Arduino CN2 pin 8 (named VIN
on Arduino connector silkscreen). In this case, jumper of JP4 should be on pins 3 and 4
to select the 5V_ARD power source on silkscreen of JP4. In that case, the DC power
comes from the power supply through the Arduino Uno V3 battery shield (compatible
with Adafruit PowerBoost 500 Shield).
Figure 8. JP4: 5V_ARD selection from CN6 (VIN)
•
5V_USB_FS (see Figure 9) is the DC power with 500 mA limitation from CN9, the USB
OTG FS micro-AB connector. In this case, jumper of JP4 should be on pins 5 and 6 to
select the 5V_USB_FS power source on silkscreen of JP4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com