Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM2153 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM2153
Description  Discovery kit for IoT node, multi-channel communicationwith STM32L4
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2153 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM2153 Datasheet HTML 21Page - STMicroelectronics UM2153 Datasheet HTML 22Page - STMicroelectronics UM2153 Datasheet HTML 23Page - STMicroelectronics UM2153 Datasheet HTML 24Page - STMicroelectronics UM2153 Datasheet HTML 25Page - STMicroelectronics UM2153 Datasheet HTML 26Page - STMicroelectronics UM2153 Datasheet HTML 27Page - STMicroelectronics UM2153 Datasheet HTML 28Page - STMicroelectronics UM2153 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
DocID030118 Rev 3
25/57
UM2153
Hardware layout and configuration
56
On the STM32L4 Discovery kit for IoT node, there are two MP34DT01 microphones: one
with LR pulled to VDD and the second with LR pulled low. DFSDM1_CKOUT and
DFSDM1_DATIN2 are connected for both. In addition, both microphones are spaced at
21 mm apart for the beamforming algorithm to work. Indeed, several algorithm
configurations are available for the user to find the best trade off between audio output
quality and resource consumption. For more details refer to STEVAL-IHM038V1: 3-phase
BLDC/PMSM motor drive up to 50 W, suitable for fan controllers User manual (UM1697) on
the www.st.com website.
The MP34DT01 is available in a package HCLGA (3x4 x1 mm) 4LD, in a top-port design,
SMD-compliant, EMI-shielded package and it is guaranteed to operate over an extended
temperature range from -40°C to +85°C.
7.12.2
Capacitive digital sensor for relative humidity and
temperature (HTS221)
The HTS221 is an ultra-compact sensor for relative humidity and temperature. It includes a
sensing element and a mixed signal ASIC to provide the measurement information through
digital serial interfaces.
The sensing element consists of a polymer dielectric planar capacitor structure capable of
detecting relative humidity variations and it is manufactured using a dedicated ST process.
The HTS221 is available in a small top-holed cap land grid array (HLGA-6L (2 x 2 x 0.9
mm)) package guaranteed to operate over a temperature range from -40 °C to +120 °C.
The main features of the HTS221 are:
•
0 to 100% relative humidity range,
•
Low-power consumption: 2 μA @ 1 Hz ODR
•
Selectable ODR from 1 Hz to 12.5 Hz
•
High rH sensitivity: 0.004% rH/LSB
•
Humidity accuracy: ± 3.5% rH, 20 to +80% rH
•
Temperature accuracy: ± 0.5 °C,15 to +40 °C
•
Embedded 16-bit ADC
•
16-bit humidity and temperature output data
•
SPI and I2C interfaces. On the STM32L4 Discovery kit for IoT node, the I2C2 bus from
STM32L475VG is used.
•
Factory calibrated
•
Tiny 2 x 2 x 0.9 mm package
•
ECOPACK® compliant
7.12.3
High-performance 3-axis magnetometer (LIS3MDL)
The LIS3MDL is an ultra-low-power high-performance three-axis magnetic sensor.
The LIS3MDL has user-selectable full scales of ±4/ ±8/ ±12/±16 gauss.
The self-test capability allows the user to check the functionality of the sensor in the final
application.
The device may be configured to generate interrupt signals for magnetic field detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com