Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F5Q-2 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT45F5Q-2
Description  Charger Flash MCU
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5Q-2 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT45F5Q-2 Datasheet HTML 3Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 117 page
background image
Rev. 1.00
�
���� 0�� �01�
Rev. 1.00
�
���� 0�� �01�
HT45F5Q-2
Charger Flash MCU
HT45F5Q-2
Charger Flash MCU
General Description
ForAC/DCchargerapplications,theChargerASSPFlashMCUHT45F5Q-2includesabattery
chargermanagementmodule,whichcanbeusedfortheconstantvoltageandconstantcurrentclosed
loopchargingcontrol.ThedevicethereforereducestheneedfortheusuallyrequiredexternalTL431
component,operationalamplifierandresistanceanalogicD/AConverterintraditionalbattery
chargingcircuits.Thereforetheperipheralcircuitismorereduced,resultinginasmallerPCBarea.
Thechargermanagementmoduleiscomposedoftwoparts.Thefirstpartcontainstwogroupsof
OPAsandD/AConverters,whichareusedtocontrolthechargingvoltageandcurrent.Theupper
limitvalueofthechargerconstantvoltageandconstantcurrentcanbeobtainedbyconfiguring
theD/AConvertersinthesoftware.The12-bitD/AConverterisusedforconstantvoltagecontrol
whilethe8-bitD/AConverterisusedforconstantcurrentcontrol.Thesecondpartofthecharger
managementcontainsafixedgainoperationalamplifierwhichisusedforcurrentamplification.
Thisimprovesthecurrentresolutionandallowstheuseofsmallercurrentdetectionresistorsthus
reducingtheresistorpowerconsumption.
TheD/AConverterinthechargermanagementmoduleisnotonlyusedforsettingchargingvoltage
andcurrent,butalsocanbeusedtogetherwiththespecificchargerproductionfixturesforimproving
thetraditionalmanualcalibrationtechniques.Byusingtheexternalproductionfixtures,thecharger
currentvoltage/currentconditionscanbeconfirmed.Ifthemarginoferrorsisexceeded,theMCU
willcorrecttheerrorbyfinetuningtheD/AConverter,andstorethecorrectedparametersto
EEPROM.Whenthechargerisrecharged,theD/AConverterwillbegivenanewcorrectionvalue
toimplementcorrectionpurpose.RefertotheHoltekapplicationnotesformoredetails.
Block Diagram
Interrupt
Controller
12-bit
ADC
PA0 ~ PA7
AVDD
Reset
Circuit
LVR
Stack
6 Levels
RAM
128 x 8
ROM
2K x 16
EEPROM
32 x 8
Watchdog
Timer
Port A
Driver
Digital Peripherals
OPAE
LIRC
32K Hz
HIRC
8M Hz
OPA1P
INT
AN0~AN5
Pin- Shared
With PA,PB Port
I/O
CTM
Pin-Shared
&
Pin-Remapping
Function
VDD/AVDD
VSS/AVSS
VDD
AVDD
VSS
AVSS
SYSCLK
UART
OPA1N
OPA2P
OPA0P
OPA0N
12-bit
DAC
8-bit
DAC
HT8 MCU Core
Clock System
Battery Charge Module
Analog Peripherals
Pin- Shared
With Port A
PB0 ~ PB6
Port B
Driver
Bus
MUX
MUX
OPA
OPA
OPA
AVDD
AVDD
VREF
Pin- Shared
With PB1
Constant Current
Constant Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com