Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F5Q-2 Datasheet(PDF) 97 Page - Holtek Semiconductor Inc

Part # HT45F5Q-2
Description  Charger Flash MCU
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5Q-2 Datasheet(HTML) 97 Page - Holtek Semiconductor Inc

Back Button HT45F5Q-2 Datasheet HTML 93Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 94Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 95Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 96Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 97Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 98Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 99Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 100Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 101Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 117 page
background image
Rev. 1.00
9�
���� 0�� �01�
Rev. 1.00
9�
���� 0�� �01�
HT45F5Q-2
Charger Flash MCU
HT45F5Q-2
Charger Flash MCU
TB0C Register
Bit
7
6
5
4
3
2
1
0
Name
TB0ON
—
—
—
—
TB0�
TB01
TB00
R/W
R/W
—
—
—
—
R/W
R/W
R/W
POR
0
—
—
—
—
0
0
0
Bit7
TB0ON:TimeBase0Control
0:Disable
1:Enable
Bit6~3
Unimplemented,readas"0"
Bit2~0
TB02~TB00:SelectTimeBase0Time-outPeriod
000:fPSC
001:2/fPSC
010:22/fPSC
011:23/fPSC
100:24/fPSC
101:25/fPSC
110:26/fPSC
111:27/fPSC
TB1C Register
Bit
7
6
5
4
3
2
1
0
Name
TB1ON
—
—
—
—
TB1�
TB11
TB10
R/W
R/W
—
—
—
—
R/W
R/W
R/W
POR
0
—
—
—
—
0
0
0
Bit7
TB1ON:TimeBase1Control
0:Disable
1:Enable
Bit6~3
Unimplemented,readas"0"
Bit2~0
TB12~TB10:SelectTimeBase1Time-outPeriod
000:24/fPSC
001:25/fPSC
010:26/fPSC
011:27/fPSC
100:28/fPSC
101:29/fPSC
110:210/fPSC
111:211/fPSC
A/D Converter Interrupt
AnA/DConverterInterruptrequestwilltakeplacewhentheA/DConverterInterruptrequestflag,
ADF,isset,whichoccurswhentheA/Dconversionprocessfinishes.Toallowtheprogramtobranch
toitsrespectiveinterruptvectoraddress,theglobalinterruptenablebit,EMI,andA/DInterrupt
enablebit,ADE,mustfirstbeset.Whentheinterruptisenabled,thestackisnotfullandtheA/D
conversionprocesshasended,asubroutinecalltotheA/DInterruptvector,willtakeplace.When
theA/DConverterInterruptisserviced,theA/DInterruptflag,ADF,willbeautomaticallycleared.
TheEMIbitwillalsobeautomaticallyclearedtodisableotherinterrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com