Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F5Q-2 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT45F5Q-2
Description  Charger Flash MCU
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5Q-2 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT45F5Q-2 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 23Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 24Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 25Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 117 page
background image
Rev. 1.00
��
���� 0�� �01�
Rev. 1.00
�3
���� 0�� �01�
HT45F5Q-2
Charger Flash MCU
HT45F5Q-2
Charger Flash MCU
General Purpose Data Memory
Allmicrocontrollerprogramsrequireanareaofread/writememorywheretemporarydatacanbe
storedandretrievedforuselater.ItisthisareaofRAMmemorythatisknownasGeneralPurpose
DataMemory.ThisareaofDataMemoryisfullyaccessiblebytheuserprogramingforbothreading
andwritingoperations.Byusingthebitoperationinstructionsindividualbitscanbesetorreset
underprogramcontrolgivingtheuseralargerangeofflexibilityforbitmanipulationintheData
Memory.
Special Purpose Data Memory
This area of Data Memory is where registers, necessary for the correct operation of the
microcontroller,arestored.Mostoftheregistersarebothreadableandwriteablebutsomeare
protectedandarereadableonly,thedetailsofwhicharelocatedundertherelevantSpecialFunction
Registersection.Notethatforlocationsthatareunused,anyreadinstructiontotheseaddresseswill
returnthevalue"00H".
Bank 0
Bank 1
00H
01H
02H
03H
IAR0
MP0
IAR1
MP1
BP
04H
ACC
05H
PCL
06H
TBLP
07H
TBLH
08H
09H
STATUS
0AH
0BH
0CH
0DH
0EH
RSTFC
0FH
SADOL
10H
SADOH
11H
12H
13H
PA
14H
PAC
15H
PAPU
16H
PAWU
17H
PB
18H
PBC
19H
PBPU
1AH
SCC
1BH
1CH
TB0C
1DH
TB1C
1EH
USR
1FH
Bank 0
Bank 1
SADC0
SADC1
HIRCC
UCR1
20H
UCR2
21H
TXR_RXR
22H
23H
24H
25H
26H
27H
28H
29H
2AH
2BH
2CH
2DH
2EH
2FH
WDTC
CTMC0
CTMC1
INTEG
MFI
INTC1
BRG
CTMDL
CTMAL
CTMAH
INTC0
CTMDH
: unused, read as 00H
30H
31H
32H
33H
34H
35H
36H
37H
38H
39H
3AH
3BH
3CH
3DH
3EH
3FH
EEC
EEA
DA1L
DA1H
DAOPC
OPVOS
PAS0
PAS1
LVRC
DA0
EED
PBS1
PSCR
IFS
PBS0
40H
Special Purpose Data Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com