Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F5Q-2 Datasheet(PDF) 92 Page - Holtek Semiconductor Inc

Part # HT45F5Q-2
Description  Charger Flash MCU
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5Q-2 Datasheet(HTML) 92 Page - Holtek Semiconductor Inc

Back Button HT45F5Q-2 Datasheet HTML 88Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 89Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 90Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 91Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 92Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 93Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 94Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 95Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 96Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 117 page
background image
Rev. 1.00
9�
���� 0�� �01�
Rev. 1.00
93
���� 0�� �01�
HT45F5Q-2
Charger Flash MCU
HT45F5Q-2
Charger Flash MCU
Eachregistercontainsanumberofenablebitstoenableordisableindividualregistersaswellas
interruptflagstoindicatethepresenceofaninterruptrequest.Thenamingconventionofthese
followsaspecificpattern.Firstislistedanabbreviatedinterrupttype,thenthe(optional)numberof
thatinterruptfollowedbyeitheran"E"forenable/disablebitor"F"forrequestflag.
Function
Enable Bit
Request Flag
Notes
G�oba�
EMI
—
—
INT Pin
INTE
INTF
UART
URE
URF
—
Time Base
TBnE
TBnF
n=0 or 1
A/D Converter
ADE
ADF
—
M��ti-f�nction
MFE
MFF
EEPROM
DEE
DEF
—
CTM
CTMPE
CTMPF
—
CTMAE
CTMAF
—
Interrupt Register Bit Naming Conventions
Register
Name
Bit
7
6
5
4
3
2
1
0
INTEG
—
—
—
—
—
—
INTS1
INTS0
INTC0
—
TB0F
URF
INTF
TB0E
URE
INTE
EMI
INTC1
TB1F
ADF
DEF
MFF
TB1E
ADE
DEE
MFE
MFI
—
—
CTMAF
CTMPF
—
—
CTMAE
CTMPE
Interrupt Registers List
INTEG Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
INTS1
INTS0
R/W
—
—
—
—
—
—
R/W
R/W
POR
—
—
—
—
—
—
0
0
Bit7~2
Unimplemented,readas"0"
Bit1~0
INTS1~INTS0:InterruptedgecontrolforINTpin
00:Disable
01:Risingedge
10:Fallingedge
11:Risingandfallingedges
INTC0 Register
Bit
7
6
5
4
3
2
1
0
Name
—
TB0F
URF
INTF
TB0E
URE
INTE
EMI
R/W
—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
0
0
0
0
0
0
0
Bit7
Unimplemented,readas"0"
Bit6
TB0F:TimeBase0interruptrequestflag
0:Norequest
1:Interruptrequest
Bit5
URF:UARTinterruptrequestflag
0:Norequest
1:Interruptrequest



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com