Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F5Q-2 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT45F5Q-2
Description  Charger Flash MCU
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5Q-2 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT45F5Q-2 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 117 page
background image
Rev. 1.00
1�
���� 0�� �01�
Rev. 1.00
13
���� 0�� �01�
HT45F5Q-2
Charger Flash MCU
HT45F5Q-2
Charger Flash MCU
Memory Characteristics
Ta=-40°C~85°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VRW
VDD for Read / Write
—
—
VDDmin
—
VDDmax
V
Program Flash / Data EEPROM Memory
tDEW
Erase / Write C�c�e Time – F�ash
Program Memor�
—
—
—
�
3
ms
Write C�c�e Time – Data EEPROM
Memor�
—
—
—
4
�
ms
IDDPGM
Programming / Erase C�rrent on VDD
—
—
—
—
5.0
mA
EP
Ce�� End�rance
—
—
100K
—
—
E/W
tRETD
ROM Data Retention time
—
Ta = �5°C
—
40
—
Year
RAM Data Memory
VDR
RAM Data Retention vo�tage
—
Device in SLEEP Mode
1.0
—
—
V
LVR Electrical Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VLVR
Low Vo�tage Reset Vo�tage
—
LVR enab�e
-5%
�.1
+5%
V
ILVR
Additiona� C�rrent for LVR Enab�e
5V
—
—
—
90
μA
tLVR
Minim�m Low Vo�tage Width to Reset
—
—
0.14
0.�
1.0
ms
A/D Converter Electrical Characteristics
Operating Temperat�re: -40°C~85°C� �n�ess otherwise specif�
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDD
A/D Converter Operating Vo�tage
—
—
�.�
—
5.5
V
VADI
A/D Converter Inp�t Vo�tage
—
—
0
—
VREF
V
VREF
A/D Converter Reference Vo�tage
—
—
�
—
VDD
V
DNL
Differentia� Non-�inearit�
3V
VREF = VDD� tADCK = 0.5μs
—
—
±3
LSB
5V
3V
VREF = VDD� tADCK = 10μs
5V
INL
Integra� Non-�inearit�
3V
VREF = VDD� tADCK = 0.5μs
—
—
±4
LSB
5V
3V
VREF = VDD� tADCK = 10μs
5V
IADC
Additiona� C�rrent for A/D
Converter Enab�e
3V
No �oad� tADCK = 0.5μs
—
1
�
mA
5V
—
1.5
3
mA
tADCK
C�ock Period
—
—
0.5
—
10
μs
tON�ST
A/D Converter on-to-start Time
—
—
4
—
—
μs
tADS
Samp�ing Time
—
—
—
4
—
tADCK
tADC
Conversion Time (Inc��de A/D
Converter Samp�e and Ho�d Time)
—
—
—
1�
—
tADCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com