Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F5Q-2 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT45F5Q-2
Description  Charger Flash MCU
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5Q-2 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT45F5Q-2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 117 page
background image
Rev. 1.00
1�
���� 0�� �01�
Rev. 1.00
13
���� 0�� �01�
HT45F5Q-2
Charger Flash MCU
HT45F5Q-2
Charger Flash MCU
System Start Up Time Characteristics
Ta=-40°C~85°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
tSST
S�stem Start-�p Time
Wake-�p from condition where fSYS is off
fSYS = fH~fH/�4� fH = fHIRC
—
1�
—
tHIRC
fSYS = fSUB = fLIRC
—
�
—
tLIRC
S�stem Start-�p Time
Wake-�p from condition where fSYS is on
fSYS = fH~fH/�4� fH = fHIRC
—
�
—
tH
fSYS = fSUB = fLIRC
—
�
—
tSUB
S�stem Speed Switch Time
FAST to SLOW Mode or SLOW to FAST Mode f
HIRC
switches from off → on
—
1�
—
tHIRC
tRSTD
S�stem Reset De�a� Time
Reset so�rce from Power-on reset or LVR
hardware reset
RRPOR=5 V/ms
�0
50
150
ms
S�stem Reset De�a� Time
LVRC/WDTC software reset
—
S�stem Reset De�a� Time
Reset source from WDT overflow
—
8.3
1�.�
50
ms
tSRESET
Minim�m software reset width to reset
—
40
90
3�5
μs
Notes:1.FortheSystemStart-uptimevalues,whetherfSYSisonoroffdependsuponthemodetypeandthe
chosenfSYSsystemoscillator.DetailsareprovidedintheSystemOperatingModessection.
2.Thetimeunits,shownbythesymbolstHIRC.aretheinverseofthecorrespondingfrequencyvaluesas
providedinthefrequencytables.ForexampletHIRC=1/fHIRC,tSYS=1/fSYSetc.
3.TheSystemSpeedSwitchTimeiseffectivelythetimetakenforthenewlyactivatedoscillatortostartup.
Input/Output Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VDD
Conditions
VIL
Inp�t Low Vo�tage for I/O Ports
5V
—
0
—
1.5
V
—
—
0
—
0.�VDD
VIH
Inp�t High Vo�tage for I/O Ports
5V
—
3.5
—
5.0
V
—
—
0.8VDD
—
VDD
IOL
Sink C�rrent for I/O Pins
3V
VOL = 0.1VDD
15.5
31
—
mA
5V
31
��
—
IOH
So�rce C�rrent for I/O Pins
3V
VOH = 0.9VDD�
-3.5
-�.0
—
mA
5V
-�.�
-14.5
—
RPH
P���-high Resistance for I/O
Ports(Note)
3V
—
�0
�0
100
kΩ
5V
—
10
30
50
ILEAK
Inp�t Leakage C�rrent
5V VIN = VDD or VIN = VSS
—
—
±1
μA
tTCK
TM C�ock Inp�t Minim�m P��se
Width
—
—
0.3
—
—
μs
tINT
Interr�pt Inp�t Pin Minim�m
P��se Width
—
—
0.3
—
—
μs
Note:TheRPHinternalpullhighresistancevalueiscalculatedbyconnectingtogroundandenablingtheinputpin
withapull-highresistorandthenmeasuringtheinputsinkcurrentatthespecifiedsupplyvoltagelevel.
DividingthevoltagebythismeasuredcurrentprovidestheRPHvalue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com