Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F319 Datasheet(PDF) 44 Page - Holtek Semiconductor Inc

Part # HT66F319
Description  Enhanced A/D Flash MCU with EEPROM and UART
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F319 Datasheet(HTML) 44 Page - Holtek Semiconductor Inc

Back Button HT66F319 Datasheet HTML 40Page - Holtek Semiconductor Inc HT66F319 Datasheet HTML 41Page - Holtek Semiconductor Inc HT66F319 Datasheet HTML 42Page - Holtek Semiconductor Inc HT66F319 Datasheet HTML 43Page - Holtek Semiconductor Inc HT66F319 Datasheet HTML 44Page - Holtek Semiconductor Inc HT66F319 Datasheet HTML 45Page - Holtek Semiconductor Inc HT66F319 Datasheet HTML 46Page - Holtek Semiconductor Inc HT66F319 Datasheet HTML 47Page - Holtek Semiconductor Inc HT66F319 Datasheet HTML 48Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 185 page
background image
Rev. 1.20
44
De�e��e� 0�� 201�
Rev. 1.20
4�
De�e��e� 0�� 201�
HT66F319
Enhanced A/D Flash MCU with EEPROM and UART
HT66F319
Enhanced A/D Flash MCU with EEPROM and UART
SLOW Mode to NORMAL Mode Switching
InSLOWModethesystemuseseithertheLXTorLIRClowspeedsystemoscillator.Toswitch
backtotheNORMALMode,wherethehighspeedsystemoscillatorisused,theHLCLKbitshould
besetto"1"orHLCLKbitis"0",butCKS2~CKS0issetto"010","011","100","101","110"or
"111".Asacertainamountoftimewillberequiredforthehighfrequencyclocktostabilise,the
statusoftheHTObitischecked.Theamountoftimerequiredforhighspeedsystemoscillator
stabilizationdependsuponwhichhighspeedsystemoscillatortypeisused.
NO RM AL M ode
SL EEP0 M od e
SL EEP1 M od e
ID LE 0 M ode
ID LE 1 M ode
SL OW M ode
CK S2 ~C KS 0 ¹ 000 B, 0 01 B as H LC LK =0
or H LC LK =1
WD T and L V D ar e al l of f
ID LE N = 0
HA LT i ns tr uc ti on is e xe cu te d
WD T or L V D is o n
ID LE N = 0
HA LT i ns tr uc ti on is e xe cu te d
ID LE N = 1, F SYSO N= 0
HA LT i ns tr uc ti on i s ex ec ut ed
ID LE N = 1, F SYSO N= 1
HA LT i ns tr uc ti on is e xe cu te d
Entering the SLEEP0 Mode
ThereisonlyonewayforthedevicetoentertheSLEEP0Modeandthatistoexecutethe"HALT"
instructionintheapplicationprogramwiththeIDLENbitinSMODregisterequalto"0"andthe
WDTandLVDbothoff.Whenthisinstructionisexecutedundertheconditionsdescribedabove,the
followingwilloccur:
• Thesystemclock,WDTclockandTimeBaseclockwillbestoppedandtheapplicationprogram
willstopatthe"HALT"instruction.
• TheDataMemorycontentsandregisterswillmaintaintheirpresentcondition.
• TheWDTwillbeclearedandstopped.
• TheI/Oportswillmaintaintheirpresentconditions.
• Inthestatusregister,thePowerDownflag,PDF,willbesetandtheWatchdogtime-outflag,TO,
willbecleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com