Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F319 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT66F319
Description  Enhanced A/D Flash MCU with EEPROM and UART
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F319 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT66F319 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F319 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F319 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F319 Datasheet HTML 12Page - Holtek Semiconductor Inc HT66F319 Datasheet HTML 13Page - Holtek Semiconductor Inc HT66F319 Datasheet HTML 14Page - Holtek Semiconductor Inc HT66F319 Datasheet HTML 15Page - Holtek Semiconductor Inc HT66F319 Datasheet HTML 16Page - Holtek Semiconductor Inc HT66F319 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 185 page
background image
Rev. 1.20
12
De�e��e� 0�� 201�
Rev. 1.20
13
De�e��e� 0�� 201�
HT66F319
Enhanced A/D Flash MCU with EEPROM and UART
HT66F319
Enhanced A/D Flash MCU with EEPROM and UART
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IDD�
Ope�ating Cu��ent�
No��al Mode� fH=8MHz
(HIRC)
3V No load� fSYS=fH/2�
ADC off� WDT ena�le
─
1.7
2.4
�A
�V
─
2.�
4.4
�A
3V No load� fSYS=fH/�4�
ADC off� WDT ena�le
─
1.2
1.�
�A
�V
─
1.�
2.4
�A
IDD�
Ope�ating Cu��ent�
No��al Mode� fH=12MHz
(HXT)
3V No load� fSYS=fH/2�
ADC off� WDT ena�le
─
1.1
1.7
�A
�V
─
2.8
4.1
�A
3V No load� fSYS=fH/�4�
ADC off� WDT ena�le
─
0.�7
0.91
�A
�V
─
1.7
2.4
�A
IIDLE1
IDLE0 Mode Stand�y Cu��ent
(LXT on)
3V No load� ADC off�
WDT ena�le� LXTLP=0
─
�
10
μA
�V
─
1�
32
μA
3V No load� ADC off�
WDT ena�le� LXTLP=1
─
�
10
μA
�V
─
1�
32
μA
IIDLE2
IDLE0 Mode Stand�y Cu��ent
(LIRC on)
3V No load� ADC off�
WDT ena�le� LVR disa�le
─
1.3
3.0
μA
�V
─
2.2
�.0
μA
IIDLE3
IDLE1 Mode Stand�y Cu��ent
(HXT)
3V No load� ADC off�
WDT ena�le� fSYS=8MHz on
─
0.7
1.2
�A
�V
─
1.3
2.3
�A
IIDLE4
IDLE1 Mode Stand�y Cu��ent
(HIRC)
3V No load� ADC off�
WDT ena�le� fSYS=4MHz on
─
0.4
0.8
�A
�V
─
0.�
1.0
�A
3V No load� ADC off�
WDT ena�le� fSYS=8MHz on
─
0.8
1.�
�A
�V
─
1.0
2.0
�A
3V No load� ADC off�
WDT ena�le� fSYS=12MHz on
─
1.2
2.4
�A
�V
─
1.�
3.0
�A
IIDLE�
IDLE1 Mode Stand�y Cu��ent
(HXT)
3V No load� ADC off�
WDT ena�le� fSYS=12MHz on
─
0.8
1.4
�A
�V
─
1.�
2.7
�A
IIDLE�
IDLE1 Mode Stand�y Cu��ent
(HXT)
�V No load� ADC off�
WDT ena�le� fSYS=1�MHz on
─
2.3
4.3
�A
ISLEEP0
SLEEP0 Mode Stand�y Cu��ent
(LIRC off)
3V No load� ADC off�
WDT disa�le� LVR disa�le
─
0.1
1.0
μA
�V
─
0.3
2.0
μA
ISLEEP1
SLEEP1 Mode Stand�y Cu��ent
(LXT on)
3V No load� ADC off� WDT ena�le�
LXTLP=1� LVR disa�le
─
�
10
μA
�V
─
1�
32
μA
ISLEEP2
SLEEP1 Mode Stand�y Cu��ent
(LXT on)
3V No load� ADC off� WDT ena�le�
LXTLP=0� LVR disa�le
─
�
10
μA
�V
─
1�
30
μA
ISLEEP3
SLEEP1 Mode Stand�y Cu��ent
(LIRC on)
3V No load� ADC off�
WDT ena�le� LVR disa�le
─
1.3
�.0
μA
�V
─
2.2
10
μA
VIL1
Input Low Voltage fo� I/O Po�ts
o� Input Pins ex�ept PC2
�V
─
0
─
1.�
V
─
0
─
0.2VDD
V
VIH1
Input High Voltage fo� I/O Po�ts
o� Input Pins ex�ept PC2
�V
─
3.�
─
�.0
V
─
0.8VDD
─
VDD
V
VIL2
Input Low Voltage (PC2)
─
─
0
─
0.4VDD
V
VIH2
Input High Voltage (PC2)
─
─
0.9VDD
─
VDD
V
IOL
I/O Po�t Sink Cu��ent
1.8V
VOL=0.1VDD
7
14
─
�A
3V
1�
32
─
�V
32
�4
─



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com