Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F319 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT66F319
Description  Enhanced A/D Flash MCU with EEPROM and UART
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F319 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT66F319 Datasheet HTML 1Page - Holtek Semiconductor Inc HT66F319 Datasheet HTML 2Page - Holtek Semiconductor Inc HT66F319 Datasheet HTML 3Page - Holtek Semiconductor Inc HT66F319 Datasheet HTML 4Page - Holtek Semiconductor Inc HT66F319 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F319 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F319 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F319 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F319 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 185 page
background image
Enhanced A/D Flash MCU with EEPROM and UART
HT66F319
Revision: V1.20 Date: De�e��e� 0�� 201�
De�e��e� 0�� 201�


Similar Part No. - HT66F319

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F3197 HOLTEK-HT66F3197 Datasheet
7Mb / 210P
Enhanced A/D MCU with EEPROM and UART
More results

Similar Description - HT66F319

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F20 HOLTEK-HT66F20 Datasheet
1Mb / 224P
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
November 3, 2009
HT66F20 HOLTEK-HT66F20_10 Datasheet
1Mb / 246P
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
February 1, 2010
HT66F20_1006 HOLTEK-HT66F20_1006 Datasheet
1Mb / 250P
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
June 4, 2010
HT66F20 HOLTEK-HT66F20_11 Datasheet
2Mb / 259P
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
March 15, 2011
HT66F20_1109 HOLTEK-HT66F20_1109 Datasheet
2Mb / 244P
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
October 24, 2011
HT66F20 HOLTEK-HT66F20_13 Datasheet
10Mb / 298P
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
February 18, 2013
HT66F60A HOLTEK-HT66F60A Datasheet
8Mb / 237P
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
March 20, 2013
HT66FU60A HOLTEK-HT66FU60A Datasheet
3Mb / 23P
Enhanced A/D Flash Type 8-Bit MCU with EEPROM and UART Interface
November 29, 2012
HT66F3197 HOLTEK-HT66F3197 Datasheet
7Mb / 210P
Enhanced A/D MCU with EEPROM and UART
HT67F4892 HOLTEK-HT67F4892 Datasheet
6Mb / 188P
Enhanced A/D Flash MCU with LCD & EEPROM
November 24, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com