Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B520M Datasheet(PDF) 55 Page - Cypress Semiconductor

Part # MB9B520M
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B520M Datasheet(HTML) 55 Page - Cypress Semiconductor

Back Button MB9B520M Datasheet HTML 51Page - Cypress Semiconductor MB9B520M Datasheet HTML 52Page - Cypress Semiconductor MB9B520M Datasheet HTML 53Page - Cypress Semiconductor MB9B520M Datasheet HTML 54Page - Cypress Semiconductor MB9B520M Datasheet HTML 55Page - Cypress Semiconductor MB9B520M Datasheet HTML 56Page - Cypress Semiconductor MB9B520M Datasheet HTML 57Page - Cypress Semiconductor MB9B520M Datasheet HTML 58Page - Cypress Semiconductor MB9B520M Datasheet HTML 59Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 108 page
background image
Document Number: 002-05649 Rev. *D
Page 55 of 108
MB9B520M Series
*8:
• See “List of Pin Functions” and “I/O Circuit Type” about +B input available pin.
• Use within recommended operating conditions.
• Use at DC voltage (current) the +B input.
• The +B signal should always be applied a limiting resistance placed between the +B signal and the device.
• The value of the limiting resistance should be set so that when the +B signal is applied the input current to the device pin does
not exceed rated values, either instantaneously or for prolonged periods.
• Note that when the device drive current is low, such as in the low-power consumption modes, the +B input potential may pass
through the protective diode and increase the potential at the VCC and AVCC pin, and this may affect other devices.
• Note that if a +B signal is input when the device power supply is off (not fixed at 0 V), the power supply is provided from the
pins, so that incomplete operation may result.
• The following is a recommended circuit example (I/O equivalent circuit).
WARNING:
−
Semiconductor devices can be permanently damaged by application of stress (voltage, current, temperature, etc.) in excess of
absolute maximum ratings. Do not exceed these ratings.
R
+B input (0V to 16V)
Protection Diode
P-ch
VCC
VCC
Limiting
resistor
N-ch
AVCC
Analog input
Digital input
Digital output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com