Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B520M Datasheet(PDF) 74 Page - Cypress Semiconductor

Part # MB9B520M
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B520M Datasheet(HTML) 74 Page - Cypress Semiconductor

Back Button MB9B520M Datasheet HTML 70Page - Cypress Semiconductor MB9B520M Datasheet HTML 71Page - Cypress Semiconductor MB9B520M Datasheet HTML 72Page - Cypress Semiconductor MB9B520M Datasheet HTML 73Page - Cypress Semiconductor MB9B520M Datasheet HTML 74Page - Cypress Semiconductor MB9B520M Datasheet HTML 75Page - Cypress Semiconductor MB9B520M Datasheet HTML 76Page - Cypress Semiconductor MB9B520M Datasheet HTML 77Page - Cypress Semiconductor MB9B520M Datasheet HTML 78Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 108 page
background image
Document Number: 002-05649 Rev. *D
Page 74 of 108
MB9B520M Series
Master mode
Slave mode
UART external clock input (EXT = 1)
(VCC = 2.7V to 5.5V, VSS = 0V, TA = - 40°C to + 105°C)
Parameter
Symbol
Conditions
Min
Max
Unit
Remarks
Serial clock L pulse width
tSLSH
CL = 30 pF
tCYCP + 10
-
ns
Serial clock H pulse width
tSHSL
tCYCP + 10
-
ns
SCK falling time
tF
-
5
ns
SCK rising time
tR
-
5
ns
tSHSL
VIL
VIL
VIL
VIH
VIH
tR
tF
tSLSH
SCK
tSHSL
tR
tSLSH
tF
tSLOVE
VIL
VIL
VIL
VIH
VIH
VOH
VOL
VOH
VOL
VIH
VIL
VIH
VIL
tIVSHE
tSHIXE
SCK
SOT
SIN
tSCYC
tSLOVI
VOL
VOH
VOH
VOH
VOL
VOH
VOL
VIH
VIL
VIH
VIL
tIVSHI
tSHIXI
tSOVHI
SCK
SOT
SIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com