Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B520M Datasheet(PDF) 97 Page - Cypress Semiconductor

Part # MB9B520M
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B520M Datasheet(HTML) 97 Page - Cypress Semiconductor

Back Button MB9B520M Datasheet HTML 93Page - Cypress Semiconductor MB9B520M Datasheet HTML 94Page - Cypress Semiconductor MB9B520M Datasheet HTML 95Page - Cypress Semiconductor MB9B520M Datasheet HTML 96Page - Cypress Semiconductor MB9B520M Datasheet HTML 97Page - Cypress Semiconductor MB9B520M Datasheet HTML 98Page - Cypress Semiconductor MB9B520M Datasheet HTML 99Page - Cypress Semiconductor MB9B520M Datasheet HTML 100Page - Cypress Semiconductor MB9B520M Datasheet HTML 101Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 108 page
background image
Document Number: 002-05649 Rev. *D
Page 97 of 108
MB9B520M Series
Package Type
Package Code
LQFP 80
LQJ080
DIMENSIONS
SYMBOL
MIN. NOM. MAX.
A
1.70
A1
0.00
0.20
b
0.16
0.38
c
0.09
0.20
D
16.00 BSC
D1
14.00 BSC
e
0.65 BSC
E
E1
L
0.45
0.60
0.75
L1
0.30
0.50
0.70
16.00 BSC
14.00 BSC
0.32
0
8
D1
D
e
0
2
1
80
E
E1
4
5
7
4
5 7
3
0.20 C A-B D
3
b
0.10 C A-B D
8
7
5
2
2
A
A'
SEATING
PLANE
A
A1
0.2 5
10
b
SECTION A-A'
c
9
L1
L
6
0.10 C
ddd
C A-B
D
1
21
40
41
60
61
20
21
40
0
6
1
4
80
61
14.0X14.0X1.7 MM LQJ080 REV**
PACKAGE OUTLINE, 80 LEAD LQFP
002-14043 **



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com