Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B520M Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # MB9B520M
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B520M Datasheet(HTML) 1 Page - Cypress Semiconductor

  MB9B520M Datasheet HTML 1Page - Cypress Semiconductor MB9B520M Datasheet HTML 2Page - Cypress Semiconductor MB9B520M Datasheet HTML 3Page - Cypress Semiconductor MB9B520M Datasheet HTML 4Page - Cypress Semiconductor MB9B520M Datasheet HTML 5Page - Cypress Semiconductor MB9B520M Datasheet HTML 6Page - Cypress Semiconductor MB9B520M Datasheet HTML 7Page - Cypress Semiconductor MB9B520M Datasheet HTML 8Page - Cypress Semiconductor MB9B520M Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 108 page
background image
MB9B520M Series
32-bit Arm® Cortex®-M3
FM3 Microcontroller
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 002-05649 Rev. *D
Revised February
9, 2018
The MB9B520M Series are highly integrated 32-bit microcontrollers dedicated for embedded controllers with low-power
consumption mode and competitive cost.
These series are based on the Arm® Cortex®-M3 Processor with on-chip Flash memory and SRAM, and have peripheral functions
such as various timers, ADCs, DACs and Communication Interfaces (USB, CAN, UART, CSIO, I2C, LIN).
The products which are described in this data sheet are placed into TYPE9
product categories in “FM3 Family Peripheral Manual”.
Features
32-bit Arm® Cortex®-M3 Core
Processor version: r2p1
Up to 72 MHz Frequency Operation
Integrated Nested Vectored Interrupt Controller (NVIC): 1
NMI (non-maskable interrupt) and 48 peripheral interrupts
and 16 priority levels
24-bit System timer (Sys Tick): System timer for OS task
management
On-chip Memories
[Flash memory]
Dual operation Flash memory
Dual Operation Flash memory has the upper bank and the
lower bank.
So, this series could implement erase, write and read
operations for each bank simultaneously.
Main area: Up to 256 Kbytes (Up to 240 Kbytes upper bank
+ 16 Kbytes lower bank)
Work area: 32 Kbytes (lower bank)
Read cycle: 0 wait-cycle
Security function for code protection
[SRAM]
This Series on-chip SRAM is composed of two independent
SRAM (SRAM0, SRAM1). SRAM0 is connected to I-code bus
and D-code bus of Cortex-M3 core. SRAM1 is connected to
System bus.
SRAM0: Up to 16 Kbytes
SRAM1: Up to 16 Kbytes
USB Interface
The USB interface is composed of Device and Host.
PLL for USB is built-in, USB clock can be generated by
multiplication of Main clock.
[USB device]
USB2.0 Full-Speed supported
Max 6 EndPoint supported
EndPoint 0 is control transfer
EndPoint 1, 2 can select Bulk-transfer, Interrupt-transfer or
Isochronous-transfer
EndPoint 3 to 5 can select Bulk-transfer or
Interrupt-transfer
EndPoint 1 to 5 are comprised of Double Buffers.
The size of each endpoint is according to the follows.
• Endpoint 0, 2 to 5: 64 bytes
• Endpoint 1: 256 bytes
[USB host]
USB2.0 Full/Low-speed supported
Bulk-transfer, interrupt-transfer and Isochronous-transfer
support
USB Device connected/dis-connected automatic detection
Automatic processing of the IN/OUT token handshake
packet
Max 256-byte packet-length supported
Wake-up function supported
CAN Interface
Compatible with CAN Specification 2.0A/B
Maximum transfer rate: 1 Mbps
Built-in 32 message buffer
Multi-function Serial Interface (Max eight channels)
4 channels with 16 steps×9-bit FIFO (ch.0/1/3/4), 4 channels
without FIFO (ch.2/5/6/7)
Operation mode is selectable from the followings for each
channel.
UART
CSIO
LIN
I2C


Similar Part No. - MB9B520M

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB9B520M SPANSION-MB9B520M Datasheet
3Mb / 113P
This document states the current technical specifications regarding
More results

Similar Description - MB9B520M

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB9A110A CYPRESS-MB9A110A Datasheet
4Mb / 112P
32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9A120L CYPRESS-MB9A120L Datasheet
1Mb / 90P
32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9A310K CYPRESS-MB9A310K Datasheet
1Mb / 87P
32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9A340NB CYPRESS-MB9A340NB Datasheet
2Mb / 126P
32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9AA40NB CYPRESS-MB9AA40NB Datasheet
2Mb / 131P
32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9B110T CYPRESS-MB9B110T Datasheet
3Mb / 133P
32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9B120J CYPRESS-MB9B120J Datasheet
947Kb / 77P
32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9B410R CYPRESS-MB9B410R Datasheet
1Mb / 112P
32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
MB9B510T CYPRESS-MB9B510T Datasheet
4Mb / 126P
32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9BD10T CYPRESS-MB9BD10T Datasheet
4Mb / 134P
32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com