Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B520M Datasheet(PDF) 59 Page - Cypress Semiconductor

Part # MB9B520M
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B520M Datasheet(HTML) 59 Page - Cypress Semiconductor

Back Button MB9B520M Datasheet HTML 55Page - Cypress Semiconductor MB9B520M Datasheet HTML 56Page - Cypress Semiconductor MB9B520M Datasheet HTML 57Page - Cypress Semiconductor MB9B520M Datasheet HTML 58Page - Cypress Semiconductor MB9B520M Datasheet HTML 59Page - Cypress Semiconductor MB9B520M Datasheet HTML 60Page - Cypress Semiconductor MB9B520M Datasheet HTML 61Page - Cypress Semiconductor MB9B520M Datasheet HTML 62Page - Cypress Semiconductor MB9B520M Datasheet HTML 63Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 108 page
background image
Document Number: 002-05649 Rev. *D
Page 59 of 108
MB9B520M Series
Low-Voltage Detection Current
(VCC = 2.7V to 5.5V, VSS = 0V, TA = - 40°C to + 105°C)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Typ
Max
Low-voltage detection
circuit (LVD) power
supply current
ICCLVD
VCC
At operation
for reset
Vcc = 5.5 V
0.13
0.3
μA
At not detect
At operation
for interrupt
Vcc = 5.5 V
0.13
0.3
μA
At not detect
Flash Memory Current
(VCC = 2.7V to 5.5V, VSS = 0V, TA = - 40°C to + 105°C)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Typ
Max
Flash memory
write/erase
current
ICCFLASH
VCC
At Write/Erase
9.5
11.2
mA
*
*: The current at which to write or erase Flash memory, "ICCFLASH" is added to "ICC".
A/D Converter Current
(VCC = AVCC = 2.7V to 5.5V, VSS = AVSS = AVRL = 0V, TA = - 40°C to + 105°C)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Typ
Max
Power supply current
ICCAD
AVCC
At 1unit operation
0.69
0.90
mA
At stop
0.25
25.84
μA
Reference power
supply current
ICCAVRH
AVRH
At 1unit operation
AVRH=5.5 V
1.1
1.97
mA
At stop
0.2
3.4
μA
D/A Converter Current
(VCC = AVCC = 2.7V to 5.5V, VSS = AVSS = 0V, TA = - 40°C to + 105°C)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Power supply
current*1
IDDA*2
AVCC
At 1unit
operation
AVCC=3.3 V
250
315
380
μA
At 1unit
operation
AVCC=5.0 V
380
475
580
μA
IDSA
At stop
-
-
16
μA
*1: No-load
*2: Generates the max current by the CODE about 0x200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com