Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B520M Datasheet(PDF) 83 Page - Cypress Semiconductor

Part # MB9B520M
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B520M Datasheet(HTML) 83 Page - Cypress Semiconductor

Back Button MB9B520M Datasheet HTML 79Page - Cypress Semiconductor MB9B520M Datasheet HTML 80Page - Cypress Semiconductor MB9B520M Datasheet HTML 81Page - Cypress Semiconductor MB9B520M Datasheet HTML 82Page - Cypress Semiconductor MB9B520M Datasheet HTML 83Page - Cypress Semiconductor MB9B520M Datasheet HTML 84Page - Cypress Semiconductor MB9B520M Datasheet HTML 85Page - Cypress Semiconductor MB9B520M Datasheet HTML 86Page - Cypress Semiconductor MB9B520M Datasheet HTML 87Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 108 page
background image
Document Number: 002-05649 Rev. *D
Page 83 of 108
MB9B520M Series
12.6 10-bit D/A Converter
Electrical Characteristics for the D/A Converter
(VCC = AVCC = 2.7V to 5.5V, VSS = AVSS = AVRL = 0V, TA = - 40°C to + 105°C)
Parameter
Symbol
Pin name
Value
Unit
Remarks
Min
Typ
Max
Resolution
-
DAx
-
-
10
bit
Conversion time
tC20
0.47
0.58
0.69
μs
Load 20 pF
tC100
2.37
2.90
3.43
μs
Load 100 pF
Integral Nonlinearity*1
INL
- 4.0
-
+ 4.0
LSB
Differential Nonlinearity*1,*2
DNL
- 0.9
-
+ 0.9
LSB
Output Voltage offset
VOFF
-
-
10.0
mV
Code is 0x000
- 20.0
-
+ 5.4
mV
Code is 0x3FF
Analog output impedance
RO
3.10
3.80
4.50
kΩ
D/A operation
2.0
-
-
MΩ
D/A stop
Output undefined period
tR
-
-
70
ns
*1: No-load
*2: Generates the max current by the CODE about 0x200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com