Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29CL032J Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # S29CL032J
Description  32/16 Mbit, 2.6/3.3 V, Dual Boot,Simultaneous Read/Write, Burst Flash
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29CL032J Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button S29CL032J Datasheet HTML 35Page - Cypress Semiconductor S29CL032J Datasheet HTML 36Page - Cypress Semiconductor S29CL032J Datasheet HTML 37Page - Cypress Semiconductor S29CL032J Datasheet HTML 38Page - Cypress Semiconductor S29CL032J Datasheet HTML 39Page - Cypress Semiconductor S29CL032J Datasheet HTML 40Page - Cypress Semiconductor S29CL032J Datasheet HTML 41Page - Cypress Semiconductor S29CL032J Datasheet HTML 42Page - Cypress Semiconductor S29CL032J Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
Document Number: 002-00948 Rev. *C
Page 39 of 74
S29CD032J
S29CD016J
S29CL032J
S29CL016J
8.2
Persistent Protection Bits
The Persistent Protection Bits are unique and nonvolatile. A single Persistent Protection Bit is assigned to a maximum for four
sectors (see the sector address tables for specific sector protection groupings). All eight-Kbyte boot-block sectors have individual
sector Persistent Protection Bits (PPBs) for greater flexibility.
Notes
1. Each PPB is individually programmed and all are erased in parallel. There are no means for individually erasing a specific
PPB and no specific sector address is required for this operation.
2. If a PPB requires erasure, all of the sector PPBs must first be programmed prior to PPB erasing. It is the responsibility of
the user to perform the preprogramming operation. Otherwise, an already erased sector PPB has the potential of being
over-erased. There is no hardware mechanism to prevent sector PPB over-erasure.
3. If the PPB Lock Bit is set, the PPB Program or erase command does not execute and times-out without programming or
erasing the PPB.
8.2.1 Programming PPB
The PPB Program Command is used to program, or set, a given PPB. The first three cycles in the PPB Program Command are
standard unlock cycles. The fourth cycle in the PPB Program Command executes the pulse which programs the specified PPB. The
user must wait either 100 µs or until DQ6 stops toggling before executing the fifth cycle, which is the read verify portion of the PPB
Program Command. The sixth cycle outputs the status of the PPB Program operation.
In the event that the program PPB operation was not successful, the user can loop directly to the fourth cycle of the PPB Program
Command to perform the program pulse and read verification again. After four unsuccessful loops through the program pulse and
read verification cycles the PPB programming operation should be considered a failure.
Figure 10. PPB Program Operation
Either poll DQ6 in the
small bank and wait for
it to stop toggling OR
wait 100
μs
DQ0 = 1?
Write 0x68 to SG+WP
Write 0x48 to SG+WP
Read from SG+WP
YES
NO
YES
NO
Done
Error
Write 0xAA to 0x555
Write 0x55 to 0x2AA
Write 0x60 to 0x555
5th attempt?
Note: Reads from the
small bank at this point
return the status of the
operation, not read array
data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com