Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29CL032J Datasheet(PDF) 17 Page - Cypress Semiconductor

Part # S29CL032J
Description  32/16 Mbit, 2.6/3.3 V, Dual Boot,Simultaneous Read/Write, Burst Flash
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29CL032J Datasheet(HTML) 17 Page - Cypress Semiconductor

Back Button S29CL032J Datasheet HTML 13Page - Cypress Semiconductor S29CL032J Datasheet HTML 14Page - Cypress Semiconductor S29CL032J Datasheet HTML 15Page - Cypress Semiconductor S29CL032J Datasheet HTML 16Page - Cypress Semiconductor S29CL032J Datasheet HTML 17Page - Cypress Semiconductor S29CL032J Datasheet HTML 18Page - Cypress Semiconductor S29CL032J Datasheet HTML 19Page - Cypress Semiconductor S29CL032J Datasheet HTML 20Page - Cypress Semiconductor S29CL032J Datasheet HTML 21Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 74 page
background image
Document Number: 002-00948 Rev. *C
Page 17 of 74
S29CD032J
S29CD016J
S29CL032J
S29CL016J
Notes
14. Secured Silicon Sector overlays this sector when enabled.
15. The bank address is determined by A19 and A18. BA = 00 for Bank 0 and BA = 01, 10, or 11 for Bank 1.
16. This sector has the additional WP# pin sector protection feature.
SA35
SG15
70000h–73FFFh
16
SA75
SG29
FE800h–FEFFFh
2
SA36
74000h–77FFFh
16
SA76
(Note 16)
SG30
FF000h–FF7FFh
2
SA37
78000h–7BFFFh
16
SA77
(Note 16)
SG31
FF800h–FFFFFh
2
SA38
7C000h–7FFFFh
16
Table 3. S29CD032J/CL032J (Top Boot) Sector and Memory Address Map (Continued)
Sector
Sector Group x32 Address Range
(A19:A0)
Sector Size
(KDwords)
Sector
Sector Group
x32 Address Range
(A19:A0)
Sector Size
(KDwords)
Bank 0 (Note 15)
Bank 1 continued (Note 15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com