Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29CL032J Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # S29CL032J
Description  32/16 Mbit, 2.6/3.3 V, Dual Boot,Simultaneous Read/Write, Burst Flash
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29CL032J Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button S29CL032J Datasheet HTML 24Page - Cypress Semiconductor S29CL032J Datasheet HTML 25Page - Cypress Semiconductor S29CL032J Datasheet HTML 26Page - Cypress Semiconductor S29CL032J Datasheet HTML 27Page - Cypress Semiconductor S29CL032J Datasheet HTML 28Page - Cypress Semiconductor S29CL032J Datasheet HTML 29Page - Cypress Semiconductor S29CL032J Datasheet HTML 30Page - Cypress Semiconductor S29CL032J Datasheet HTML 31Page - Cypress Semiconductor S29CL032J Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 74 page
background image
Document Number: 002-00948 Rev. *C
Page 28 of 74
S29CD032J
S29CD016J
S29CL032J
S29CL016J
Figure 5. Program Operation
Note
38.See Table 30 and Table 35 for program command sequence.
7.7.2 Sector Erase
The sector erase function erases one or more sectors in the memory array. (See Table 34. Memory Array Command Definitions
(x32 Mode) on page 67 and Figure 6 Erase Operation on page 29.) The device does not require the system to preprogram prior to
erase. The Embedded Erase algorithm automatically programs and verifies the entire memory for an all-zero data pattern prior to
electrical erase. After a successful sector erase, all locations within the erased sector contain FFFFh. The system is not required to
provide any controls or timings during these operations.
After the command sequence is written, a sector erase time-out of no less than 80 µs occurs. During the time-out period, additional
sector addresses and sector erase commands may be written. Loading the sector erase buffer may be done in any sequence, and
the number of sectors may be from one sector to all sectors. The time between these additional cycles must be less than 80 µs. Any
sector erase address and command following the exceeded time-out (80 µs) may or may not be accepted. A time-out of 80 µs from
the rising edge of the last WE# (or CE#) initiates the execution of the Sector Erase command(s). If another falling edge of the WE#
(or CE#) occurs within the 80 µs time-out window, the timer is reset. Any command other than Erase Suspend during the time-out
period will be interpreted as an additional sector to erase. The device does not decode the data bus, but latches the address. (See
S29CD016J Sector Erase Time-Out Functionality Application Note
for further information.). The system can monitor DQ3 to
determine if the sector erase timer has timed out (See DQ3: Sector Erase Timer on page 35.) The time-out begins from the rising
edge of the final WE# pulse in the command sequence.
When the Embedded Erase algorithm is complete, the bank returns to reading array data; addresses are no longer latched. The
system can determine the status of the erase operation by reading DQ7 or DQ6/DQ2 in the erasing bank. Refer to Write Operation
Status on page 32 for information on these status bits.
Once the sector erase operation has begun, only the Erase Suspend command is valid. All other commands are ignored. However,
note that a hardware reset immediately terminates the erase operation. If that occurs, the sector erase command sequence should
be re-initiated once that bank has returned to reading array data, in order to ensure data integrity.
Figure 6 on page 29 illustrates the algorithm for the erase operation. Refer to Program/Erase Operations on page 27 for parameters
and timing diagrams.
START
Write Program
Command Sequence
Data Poll
from System
Verify Data?
No
Yes
Last Address?
No
Yes
Programming
Completed
Increment Address
Embedded
Program
algorithm
in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com