Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29CL032J Datasheet(PDF) 49 Page - Cypress Semiconductor

Part # S29CL032J
Description  32/16 Mbit, 2.6/3.3 V, Dual Boot,Simultaneous Read/Write, Burst Flash
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29CL032J Datasheet(HTML) 49 Page - Cypress Semiconductor

Back Button S29CL032J Datasheet HTML 45Page - Cypress Semiconductor S29CL032J Datasheet HTML 46Page - Cypress Semiconductor S29CL032J Datasheet HTML 47Page - Cypress Semiconductor S29CL032J Datasheet HTML 48Page - Cypress Semiconductor S29CL032J Datasheet HTML 49Page - Cypress Semiconductor S29CL032J Datasheet HTML 50Page - Cypress Semiconductor S29CL032J Datasheet HTML 51Page - Cypress Semiconductor S29CL032J Datasheet HTML 52Page - Cypress Semiconductor S29CL032J Datasheet HTML 53Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 74 page
background image
Document Number: 002-00948 Rev. *C
Page 49 of 74
S29CD032J
S29CD016J
S29CL032J
S29CL016J
14. DC Characteristics
Notes
52. The ICC current listed includes both the DC operating current and the frequency dependent component.
53. ICC active while Embedded Erase or Embedded Program is in progress.
54. Not 100% tested.
55. Maximum ICC specifications are tested with VCC = VCCmax.
Table 19. DC Characteristic, CMOS Compatible
Parameter Description
Test Conditions
Min
Typ
Max
Unit
ILI
Input Load Current
VIN = VSS to VIO, VIO = VIO max
1.0
µA
ILIWP
WP# Input Load Current
VIN = VSS to VIO, VIO = VIO max
–25
µA
ILIT
A9, ACC Input Load Current
VCC = VCCmax; A9 = 12.5V
35
µA
ILO
Output Leakage Current
VOUT = VSS to VCC, VCC = VCC max
1.0
µA
ICCB
VCC Active Burst Read Current (52)
CE# = VIL, OE# = VIL, 8 Double Word
S29CD-J
45
55
mA
S29CL-J
65
90
mA
ICC1
VCC Active Asynchronous
Read Current (52)
CE# = VIL, OE# = VIL
1 MHz
10
mA
ICC3
VCC Active Program Current
(53, 54, 55)
CE# = VIL, OE# = VIH, ACC = VIH
40
50
mA
ICC4
VCC Active Erase Current (53, 54, 55)
CE# = VIL, OE# = VIH, ACC = VIH
20
50
mA
ICC5
VCC Standby Current (CMOS)
VCC= VCC max, CE# = VCC  0.3V
60
µA
ICC6
VCC Active Current
(Read While Write) (54)
CE# = VIL, OE# = VIL
30
90
mA
ICC7
VCC Reset Current
RESET# = VIL
60
µA
ICC8
Automatic Sleep Mode Current
VIH = VCC 0.3 V, VIL = VSS 0.3V
60
µA
IACC
VACC Acceleration Current
ACC = VHH
20
mA
VIL
Input Low Voltage
–0.5
0.3 x VIO
V
VIH
Input High Voltage
0.7 x VIO
VCC
V
VILCLK CLK Input Low Voltage
–0.2
0.3 x VIO
V
VIHCLK CLK Input High Voltage (CD-J)
0.7 x VCC
2.75
V
VIHCLK CLK Input High Voltage (CL-J)
0.7 x VCC
3.6
V
VID
Voltage for Autoselect
VCC = 2.5V
11.5
12.5
V
VOL
Output Low Voltage
IOL = 4.0 mA, VCC = VCC min
0.45
V
IOLRB
RY/BY#, Output Low Current
VOL = 0.4V
8mA
VHH
Accelerated (ACC pin) High Voltage
IOH = –2.0 mA, VCC = VCC min
0.85 x VCC
V
VOH
Output High Voltage
IOH = –100 µA, VCC = VCC min
VIO –0.1
V
VLKO
Low VCC Lock-Out Voltage (54)
1.6
2.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com