Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29CL032J Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # S29CL032J
Description  32/16 Mbit, 2.6/3.3 V, Dual Boot,Simultaneous Read/Write, Burst Flash
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29CL032J Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button S29CL032J Datasheet HTML 17Page - Cypress Semiconductor S29CL032J Datasheet HTML 18Page - Cypress Semiconductor S29CL032J Datasheet HTML 19Page - Cypress Semiconductor S29CL032J Datasheet HTML 20Page - Cypress Semiconductor S29CL032J Datasheet HTML 21Page - Cypress Semiconductor S29CL032J Datasheet HTML 22Page - Cypress Semiconductor S29CL032J Datasheet HTML 23Page - Cypress Semiconductor S29CL032J Datasheet HTML 24Page - Cypress Semiconductor S29CL032J Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
Document Number: 002-00948 Rev. *C
Page 21 of 74
S29CD032J
S29CD016J
S29CL032J
S29CL016J
7.3
Hardware Reset (RESET#)
The RESET# pin is an active low signal that is used to reset the device under any circumstances. A logic “0” on this input forces the
device out of any mode that is currently executing back to the reset state. RESET# may be tied to the system reset circuitry. A
system reset would thus also reset the device. To avoid a potential bus contention during a system reset, the device is isolated from
the DQ data bus by tristating the data outputs for the duration of the RESET pulse. All data outputs are “don’t care” during the reset
operation.
If RESET# is asserted during a program or erase operation, the RY/BY# output remains low until the reset operation is internally
complete. The RY/BY# pin can be used to determine when the reset operation is complete. Since the device offers simultaneous
read/write operation, the host system may read a bank after a period of tREADY2, if the bank was in the read/reset mode at the time
RESET# was asserted. If one of the banks was in the middle of either a program or erase operation when RESET# was asserted,
the user must wait a period of tREADY before accessing that bank.
Asserting RESET# during a program or erase operation leaves erroneous data stored in the address locations being operated on at
the time of device reset. These locations need updating after the reset operation is complete. See Hardware Reset (RESET#)
on page 56 for timing specifications.
Asserting RESET# active during VCC and VIO power-up is required to guarantee proper device initialization until VCC and VIO have
reached their steady state voltages. See VCC and VIO Power-up on page 52.
7.4
Synchronous (Burst) Read Mode and Configuration Register
When a series of adjacent addresses need to be read from the device, the synchronous (or burst read) mode can be used to
significantly reduce the overall time needed for the device to output array data. After an initial access time required for the data from
the first address location, subsequent data is output synchronized to a clock input provided by the system.
The device offers a linear method of burst read operation which is discussed in 2-, 4-, 8- Double Word Linear Burst Operation
on page 22.
Since the device defaults to asynchronous read mode after power-up or a hardware reset, the configuration register must be set in
order to enable the burst read mode. Other Configuration Register settings include the number of wait states to insert before the
initial word (tIACC) of each burst access and when RDY indicates that data is ready to be read. Prior to entering the burst mode, the
system first determines the configuration register settings (and read the current register settings if desired via the Read
Configuration Register command sequence), then write the configuration register command sequence. See Configuration Register
on page 24, and Table 34 on page 67 for further details. Once the configuration register is written to enable burst mode operation,
all subsequent reads from the array are returned using the burst mode protocols.
Figure 2. Synchronous/Asynchronous State Diagram
Power-up/
Hardware Reset
Asynchronous Read
Mode Only
Synchronous Read
Mode Only
Set Burst Mode
Configuration Register
Command for
Synchronous Mode
(D15 = 0)
Set Burst Mode
Configuration Register
Command for
Asynchronous Mode
(D15 = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com