| Electronic Components Datasheet Search |
|
LM12438CIWM Datasheet(PDF) 32 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM12438CIWM Datasheet(HTML) 32 Page - National Semiconductor (TI) |
|
32 / 80 page ![]() 60 Operational Information (Continued) INSTRUCTION RAM (ReadWrite) (Continued) Limits 12 D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Don’t Care l k Sign Limit D7 – D0 Limit 8-bit limit value D8 Sign Sign of limit value 0 e Positive 1 e Negative D9 l k High LimitLow limit 0 e Inputs lower than limit generate interrupt 1 e Inputs higher than limit generate interrupt D15 – D10 Don’t Care INTERRUPT ENABLE REGISTER (ReadWrite) D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Number of Conversion Instruction Number INT7 X INT5 INT4 INT3 INT2 INT1 INT0 Results in FIFO to to Generate Generate Interrupt (INT2) Interrupt (INT1) Bits 0 to 7 enable interrupt generation for the following conditions when the bit is set to 1 D0 INT0 Generates an interrupt when a limit is passed in watchdog mode D1 INT1 Generates an interrupt when the sequencer has loaded the instruction number contained in bits D10 D9 and D8 of the Interrupt Enable register D2 INT2 Generates an interrupt when the number of conversion results in the FIFO is equal to the programmed value (D15 – D11) D3 INT3 Generates an interrupt when an auto-zero cycle is completed D4 INT4 Generates an interrupt when a full calibration cycle is completed D5 INT5 Generates an interrupt when a pause condition is encountered D6 This bit is a don’t care condition No interrupt is associated with this bit D7 INT7 Generates an interrupt when the chip is returned from standby and is ready for operation D10 – D8 Programmable instruction number used to generate an interrupt when that instruction has been reached D15 – D11 Programmable number of conversion results in the FIFO to generate an interrupt TIMER REGISTER (ReadWrite) D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 N e Timer Preset Value The Timer delays the execution of an instruction if the Timer bit is set in that instruction The time delay is Delay e (32 c N) a 2 Clock Cycles FIGURE 9 Bit Assignments for LM12434 and LM12 L 438 Internal Registers (Continued) 32 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |