Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM12438CIWM Datasheet(PDF) 56 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM12438CIWM
Description  Sign Data Acquisition System with Serial I/O and Self-Calibration
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12438CIWM Datasheet(HTML) 56 Page - National Semiconductor (TI)

Back Button LM12438CIWM Datasheet HTML 52Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 53Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 54Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 55Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 56Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 57Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 58Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 59Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 60Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 80 page
background image
70 Digital Interface (Continued)
Burst read cycle
A burst read cycle starts the same way
as a single read cycle but the B bit in the command byte is
set to one indicating a burst read cycle Following the com-
mand byte the data is output on the RXD line as long as the
DAS receives TXD clock from the system To tell the DAS
when a burst read cycle is completed CS should be set high
after the 8th and before the 15th SCLK cycle during the last
data byte transfer (see
Figure 13c ) After CS high is detect-
ed and the last data bit is transferred the DAS is ready for a
new communication cycle to begin
The timing diagrams in
Figure 13 show the transfer of data
in packets of 8 bits (bytes) This represents the way the
serial ports of the 8051 family of microcontrollers produce
the serial clock and data The DAS does not require a gap
between
the
first
and
second
bytes
of
the
data
16 continuous clock cycles will transfer the data word How-
ever there should be a gap equal to 3 CLK (the DAS main
clock input not the TXD clock) cycles between the end of
the command byte and the start of the data during a read
cycle This is not concerned in most systems for two rea-
sons First the processor generally has some inherent gap
between byte transfers Second the TXD frequency is usu-
ally significantly slower than the CLK frequency For exam-
ple an 8051 processor with 12 MHz crystal generates a
TXD of 1 MHz If the DAS is running with 6 MHz CLK there
are 6 cycles of CLK within each cycle of TXD and the re-
quirement is satisfied even if TXD comes continuously after
command byte The user should pay attention to this re-
quirement if running the TXD with a speed near or higher
than CLK
TLH11879 – 40
(a) Write Cycle
Idle State of SCLK e 1 Data Shifted at the Rising Edge of the SCLK
TLH11879 – 41
(b) Read Cycle
Idle State of SCLK e 1 Data Shifted at the Rising Edge of the SCLK
FIGURE 13 Timing Diagrams for LM12434 and LM12 L 438 8051 Serial Interface Mode
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com