| Electronic Components Datasheet Search |
|
LM12438CIWM Datasheet(PDF) 70 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM12438CIWM Datasheet(HTML) 70 Page - National Semiconductor (TI) |
|
70 / 80 page ![]() 70 Digital Interface (Continued) 74 I2C BUS INTERFACE The I2C bus is a serial synchronous bus structure It is a multi-master bus which means that more than one device capable of controlling the bus can be connected to it The bus uses 2 wires serial data (SDA) and serial clock (SCL) to carry information between the devices connected to the bus Both data and clock lines are bidirectional and are con- nected to the positive power supply via a pull-up resistor Each device is identified by a unique address whether it is a microprocessorcontroller or a peripheral such as memory keyboard data-converter or display Each device can oper- ate as either transmitter or receiver depending on the func- tion of the device In addition to transmitters and receivers devices can also be considered as masters and slaves when performing data transfer A master is the device that initiates a data transfer on the bus and generates the clock signals to permit that transfer At that time any device ad- dressed is considered slave It should be apparent that the I2C bus is not merely an interconnecting wire it embodies comprehensive formats and procedures for addressing transfer cycles start and stop clock generationsynchroni- zation and bus arbitration The following discussion as- sumes that the reader is familiar with the specification and architecture of the I2C bus The LM12434 and LM12 L 438’s I2C bus interface is se- lected when the MODESEL1 and MODESEL2 pins have the logic state of ‘‘10’’ Figure 18 shows a typical connection diagram for the LM12434 and LM12 L 438 to the I2C bus As was mentioned communication on the I2C bus is per- formed on 2 lines SCL (serial clock) and SDA (serial data) pins P5 and P4 are assigned to these lines The DAS oper- ates as a slave on the I2C bus As a result the SCL line is an input (no clock is generated by the LM12434 and LM12 L 438) and the SDA line is a bi-directional serial data path According to I2C bus specifications the DAS has a 7-bit slave address The four most significant bits of the slave address are hard wired inside the LM12434 and LM12 L 438 and are ‘‘0101’’ The three least significant bits of the address are assigned to pins P3 – P1 Therefore the LM12434 and LM12 L 438 I2C slave address is 0 1 0 1 P3 P2 P1 MSB LSB Tying the P3 – P1 pins to different logic levels allows up to eight LM12434 and LM12 L 438’s to be addressed on a single I2C bus Figure 17 shows the timing diagram for the read and write cycles for the LM12434 and LM12 L 438’s I2C interface This timing diagram depicts the general relationship be- tween the serial clock edges and the data bits It is not meant to show guaranteed timing performance (See speci- fication tables for parametric switching characteristics) The DAS’s I2C interface timing parameters fully meet or exceed the I2C bus specification Data transfer on the I2C bus is byte oriented and the 16-bit data to be written to or read from each register is transferred in two bytes Write cycle A write cycle is illustrated in Figure 17a Com- munication is initiated with a start condition generated by a master (I2C bus specification) followed by a byte of the DAS’s slave address with the readwrite bit (8th bit) being ‘‘0’’ indicating a write cycle will follow At the 9th SCL clock pulse of the first data packet the DAS pulls the SDA line low (‘‘0’’) to acknowledge that it has been addressed The next byte is the address of the DAS register to be accessed The format of this byte is three ‘‘0’s’’ (MSBs) followed by four bits of register address (MSB first as shown) and a ‘‘0’’ as the last bit (LSB) After the DAS acknowledges the ad- dress byte the 16-bit data proceeds in two bytes beginning with the high order byte (MSB first) The direction of the data in a write cycle is from master to DAS with acknowl- edgement given by the DAS at the end of each byte The cycle is completed by a stop condition generated by the master Readburst read cycle The read and burst read cycles for the I2C interface are combined in a single format A read cycle is shown in Figure 17b A read cycle starts the same as a write with a slave address byte for write followed by a register address byte After the register address byte is writ- ten to the DAS the bus should be released without any stop condition The master then applies a repeat start condition followed by the DAS’s slave address but with the read write bit being ‘‘1’’ indicating a read request from the mas- ter The DAS (slave) acknowledges its address and begin- ning with the next byte the direction of the data will be from DAS to master The DAS starts to transmit the contents of its register (addressed previously at second byte of the cy- cle) synchronized with the clocks applied by the master An even number of data bytes should be read from the DAS (two bytes per register) At the end of each byte received from the DAS the bus master generates an acknowledge The DAS continues to repeat transmitting its register con- tents as long as the master is transmitting clocks and ac- knowledges at the end of each byte The DAS recognizes the end of the transfer whenever the master does not ac- knowledge at the end of an even numbered byte At this point the master should generate a stop condition as re- quired by the I2C bus specification Notice that the master may read only one word (single read) or as many words (two bytes each) as it needs using the read procedure 70 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |