Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM12438CIWM Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM12438CIWM
Description  Sign Data Acquisition System with Serial I/O and Self-Calibration
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12438CIWM Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM12438CIWM Datasheet HTML 5Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 6Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 7Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 8Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 9Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 10Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 11Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 12Page - National Semiconductor (TI) LM12438CIWM Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
20 Electrical Specifications (Continued)
223 DC Characteristics
The following specifications apply to the LM12434 and LM12 L 438 for VAa e VDa e 5V 33V
AGND e DGND e 0V VREFa e 4096V 25V VREFb e 0V fCLK e 80 MHz 6 MHz and minimum acquisition time unless
otherwise specified Boldface limits apply for TA e TJ e TMIN to TMAX all other limits TA e TJ e 25 C (Notes 6 7
and 8) (Continued)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 10)
(Note 11)
(Limit)
RON
Multiplexer ON-Resistance
LM12434
VIN e 5V
650
1000
X
(max)
VIN e 25V
700
1000
X
(max)
VIN e 0V
630
1000
X
(max)
Multiplexer Channel-to-Channel
LM12434
RON matching
VIN e 5V
g
10%
g
30%
(max)
VIN e 25V
g
10%
g
30%
(max)
VIN e 0V
g
10%
g
30%
(max)
224 Digital DC Characteristics
The following specifications apply to the LM12434 and LM12 L 438 for VAa e VDa e 5V
33V
AGND e DGND e 0V unless otherwise specified Boldface limits apply for TA e TJ e TMIN to TMAX all other
limits TA e TJ e 25 C (Notes 6 7 and 8)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 10)
(Note 11)
(Limit)
VIN(1)
Logical ‘‘1’’ Input Voltage
VAa e VDa e 55V 36V
20
V (min)
VIN(0)
Logical ‘‘0’’ Input Voltage
VAa e VDa e 45V 30V
08
V (max)
IIN(1)
Logical ‘‘1’’ Input Current
VIN e 5V 33V
0005
10
m
A (max)
IIN(0)
Logical ‘‘0’’ Input Current
VIN e 0V
b
0005
b
10
m
A (max)
CIN
All Digital Inputs
6
pF
VOUT(1)
Logical ‘‘1’’ Output Voltage
VAa e VDa e 45V 30V
IOUT eb360 mA
24
V (min)
IOUT eb10 mA
425 29
V (min)
VOUT(0)
Logical ‘‘0’’ Output Voltage
VAa e VDa e 45V 30V
04
V (max)
IOUT e 16 mA
IOUT
TRI-STATE Output Leakage Current
VOUT e 0V
b
005
b
30
m
A (max)
VOUT e 5V 33V
005
30
m
A (max)
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com