| Electronic Components Datasheet Search |
|
LM12438CIWM Datasheet(PDF) 33 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM12438CIWM Datasheet(HTML) 33 Page - National Semiconductor (TI) |
|
33 / 80 page ![]() 60 Operational Information (Continued) FIFO REGISTER (Read only) D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Instruction Number Sign Conversion Result or Extended Sign D11 – D0 Conversion Result For 12-bit a sign 12-bit result value For 8-bit a sign D11 – D4 e result value D3 – D0 e 1110 D12 Sign Conversion result sign bit 0 e Positive 1 e Negative D15 – D13 Instruction number associated with the conversion result or the extended sign bit for 2’s complement arithmetic selected by bit D5 (Channel Mask) of the Configuration register INTERRUPT STATUS REGISTER (Read only) D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Number of Unread Results Instruction Number INST7 X INST5 INST4 INST3 INST2 INST1 INST0 in FIFO Being Executed Bits 0 to 7 are interrupt flags (vectors) that will be set to 1 when the following conditions occur The bits are set to 1 whether the interrupt is enabled or disabled in the Interrupt Enable register The bits are reset to 0 when the register is read or by a device reset through the Configuration register D0 INST0 Is set to 1 when a limit is passed in watchdog mode D1 INST1 Is set to 1 when the sequencer has loaded the instruction number contained in bits D10 D9 and D8 of the Interrupt Enable register D2 INST2 Is set to 1 when number of conversion results in FIFO is equal to the programmed value (D15 – D11) in the Interrupt Enable Register D3 INST3 Is set to 1 when an auto-zero cycle is completed D4 INST4 Is set to 1 when a full calibraton cycle is completed D5 INST5 Is set to 1 when a pause condition is encountered D6 Don’t care D7 INST7 Is set to 1 when the chip is returned from standby and is ready D10 – D8 Holds the instruction number presently being executed or will be executed following a Pause or Timer delay D15 – D11 Holds the number of conversion results that have been put in the FIFO but that have not yet been read by the user LIMIT STATUS REGISTER (Read only) D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Limit 2 Status Limit 1 Status The bits in this register are limit flags (vectors) that will be set to 1 when a limit is passed The bits are associated to individual instruction limits as indicated below D0 Limit 1 of Instruction 0 is passed D1 Limit 1 of Instruction 1 is passed D2 Limit 1 of Instruction 2 is passed D3 Limit 1 of Instruction 3 is passed D4 Limit 1 of Instruction 4 is passed D5 Limit 1 of Instruction 5 is passed D6 Limit 1 of Instruction 6 is passed D7 Limit 1 of Instruction 7 is passed D8 Limit 2 of Instruction 0 is passed D9 Limit 2 of Instruction 1 is passed D10 Limit 2 of Instruction 2 is passed D11 Limit 2 of Instruction 3 is passed D12 Limit 2 of Instruction 4 is passed D13 Limit 2 of Instruction 5 is passed D14 Limit 2 of Instruction 6 is passed D15 Limit 2 of Instruction 7 is passed FIGURE 9 Bit Assignments for LM12434 and LM12 L 438 Internal Registers (Continued) 33 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |