Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSOX6MASK Datasheet(PDF) 36 Page - Keysight Technologies

Part # DSOX6MASK
Description  InfiniiVision 6000 X-Series Oscilloscopes
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX6MASK Datasheet(HTML) 36 Page - Keysight Technologies

Back Button DSOX6MASK Datasheet HTML 32Page - Keysight Technologies DSOX6MASK Datasheet HTML 33Page - Keysight Technologies DSOX6MASK Datasheet HTML 34Page - Keysight Technologies DSOX6MASK Datasheet HTML 35Page - Keysight Technologies DSOX6MASK Datasheet HTML 36Page - Keysight Technologies DSOX6MASK Datasheet HTML 37Page - Keysight Technologies DSOX6MASK Datasheet HTML 38Page - Keysight Technologies DSOX6MASK Datasheet HTML 39Page - Keysight Technologies DSOX6MASK Datasheet HTML 40Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
36 | Keysight | InfiniiVision 6000 X-Series Oscilloscopes - Data Sheet
Trigger type selections (Continued)
Rise/fall time
Trigger on rise time or fall time edge speed violations (< or >) based on user-selectable threshold. Select from
(< or >) and time settings range between
– Minimum: 1 ns
– Maximum: 10 s
Nth edge burst
Trigger on the nth (1 to 65535) edge of a pulse burst. Specify idle time (10 ns to 10 s) for framing
Runt
Trigger on a position runt pulse that fails to exceed a high-level threshold. Trigger on a negative runt pulse that
fails to drop below a low-level threshold. Trigger on either polarity runt pulse based on two threshold settings.
Runt triggering can also be time-qualified (< or >) with a minimum time setting of 2 ns
Setup and hold
Trigger on setup/hold violations. Setup time can be set from –7 s to 10 s. Hold time can be set from 0 s to 10 ns.
Minimum window (setup time + hold time) must be 3 ns or greater
Video
Trigger on all lines or individual lines, odd/even or all fields from composite video, or broadcast standards
(NTSC, PAL, SECAM, PAM-M)
Enhanced video (HDTV) (Option)
Trigger on lines and fields of enhanced and HDTV standards (480p/60, 567p/50, 720p/50, 720p/60, 1080p/24,
1080p/25, 1080p/30, 1080p/50, 1080p/60, 1080i/50, 1080i/60)
ARINC429 (Option)
Trigger and decode on ARINC429 data. Trigger on word start/stop, label, label + bits, label range, error
conditions (parity, word, gap, word or gap, all), all bits (eye), all 0 bits, all 1 bits
CAN (Option)
Trigger on CAN (controller area network) version 2.0A,2.0B, and CAN-FD (Flexible Data-rate) signals. Trigger on
the start of frame (SOF), the end of frame (EOF), data frame ID, data frame ID and data (non-FD), data frame ID
and data (FD), remote frame ID, remote or data frame ID, error frame, acknowledge error, from error, stuff error,
CRC error, spec error (ack or form or stuff or CRC), all errors, BRS Bit (FD), CRC delimiter bit (FD), ESI bit active
(FD), ESI bit passive (FD), overload frame., message, message and signal (non-FD), message and signal (FD, first
8 bytes only)
FlexRay (Option)
Trigger on frame ID or specific error condition, along with cycle-base and repetition-cycle filtering. Can also
trigger on specific events such as BSS, TSS, FES, and wake up
I²C (Option)
Trigger at a start/stop condition or user-defined frame with address and/or data values. Also trigger on missing
acknowledge, address with no acq, restart, EEPROM read, and 10-bit write
I²S (Option)
Trigger on 2’s complement data of audio left channel or right channel (=, ≠, <, >, > <, < >, increasing value, or
decreasing value)
LIN (Option)
Trigger on LIN (Local Interconnect Network) sync break, sync frame ID, frame ID and data , parity error, or
checksum error
MIL-STD1553 (Option)
Trigger on MIL-STD 1553 signals on data word start/stop, command/status start/stop, RTA, RTA + 11 bits, and
error conditions (parity, sync, Manchester)
SPI (Option)
Trigger on SPI (Serial Peripheral Interface) data pattern during a specific framing period. Supports positive
and negative Chip Select framing as well as clock Idle framing and user-specified number of bits per frame.
Supports MOSI and MISO data
UART/RS232/422/485 (Option)
Trigger on Rx or Tx start bit, stop bit, data content, or parity error
USB (Option)
Trigger on start of packet (SOP), end of packet (EOP), suspend***, resume***, reset***, packets (token, data,
handshake, or special), and errors (PID, CRC5, CRC16, glitch, bit stuff***, SE1***). Supports USB 2.0 low-
speed, full- speed, and hi-speed implementations. (Hi-speed is supported on ≥ 1-GHz models only)
SENT (Option)
Trigger and decode on SENT bus. start of fast channel message, start of slow channel message, fast channel SC
and data, slow channel message ID, slow channel message ID and data, tolerance violation, fast channel CRC
error, slow channel CRC error, all CRC errors, pulse period error, successive sync pulses error (1/64)
User-definable Manchester/NRZ
(Option)
Trigger on start of frame (SOF), bus value, and Manchester errors
CXPI (Option)
Trigger on the start of frame (SOF), the end of frame (EOF), PTYPE, frame ID, data and info frame ID, data and
info frame ID (long frame), CRC field error, parity error, inter-byte space error, inter-frame space error, framing
error, data length error, sample error, all errors, sleep frame, wakeup pulse
USB PD (Option)
Trigger on preamble, EDP, ordered sets, preamble errors, CRC errors, header content (control messages, data
messages, extended messages and value in HEX)
1. Suspend, resume, reset, bit stuff error, and SE1 error are USB 2.0 low- and full-speed only.
Performance Characteristics (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com