Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSOX6MASK Datasheet(PDF) 8 Page - Keysight Technologies

Part # DSOX6MASK
Description  InfiniiVision 6000 X-Series Oscilloscopes
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX6MASK Datasheet(HTML) 8 Page - Keysight Technologies

Back Button DSOX6MASK Datasheet HTML 4Page - Keysight Technologies DSOX6MASK Datasheet HTML 5Page - Keysight Technologies DSOX6MASK Datasheet HTML 6Page - Keysight Technologies DSOX6MASK Datasheet HTML 7Page - Keysight Technologies DSOX6MASK Datasheet HTML 8Page - Keysight Technologies DSOX6MASK Datasheet HTML 9Page - Keysight Technologies DSOX6MASK Datasheet HTML 10Page - Keysight Technologies DSOX6MASK Datasheet HTML 11Page - Keysight Technologies DSOX6MASK Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
8 | Keysight | InfiniiVision 6000 X-Series Oscilloscopes - Data Sheet
New Standard for Price Performance: Bandwidth, Visualization, and Integration
Visualization (Continued)
Visualize by ultimate isolation: The zone touch
trigger
One of the biggest challenges of using an oscilloscope is setting
up an advanced trigger to isolate a signal of interest. While
advanced triggers are powerful features, setting them up can
slow you down. The zone touch trigger provides a turnkey trigger
solution. You simply observe the signal of interest on the display
and draw a zone (box) around it with your finger. What used to
take hours of work can now take just a few seconds. If you want
to move your zones to another location, just drag them over. The
6000 X-Series can be set up to easily trigger on one or two zone
boxes simultaneously with either “must intersect” or “must not
intersect” conditions. Unlike other software-based graphical
trigger solutions, the hardware-based zone triggering maintains
the fast update rate of 160,000 waveforms per second. In other
words, if you can see it, you can trigger on it.
Visualize by protocol isolation: Serial protocol
trigger + the zone trigger
If isolating signal anomalies is challenging, isolating analog signal
phenomenon in relation to specific serial protocol packets is a
doubly difficult task. You can trigger on CAN bus errors if your
oscilloscope has a CAN serial bus trigger and decode option,
but how would you isolate a specific CAN error message from all
others?
Use the hardware-based zone trigger along with serial protocol
triggers. In Figures 13 and 14, we isolated a CAN steering bus
error message.
Figure 11. Draw a zone (box) around the anomaly.
Figure 12. Hardware zone triggers immediately.
Figure 13. Setting up the zone trigger in addition to a CAN bus error
packet trigger.
Figure 14. Now you have isolated steering errors from all other CAN bus
errors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com