| Electronic Components Datasheet Search |
|
DSOX6MASK Datasheet(PDF) 43 Page - Keysight Technologies |
|
|
|||||||||||||||||||||||||||||
DSOX6MASK Datasheet(HTML) 43 Page - Keysight Technologies |
|
43 / 45 page ![]() 43 | Keysight | InfiniiVision 6000 X-Series Oscilloscopes - Data Sheet Non-volatile storage Reference waveform display Four internal waveforms or USB thumb drive. Displays up to 4 reference waveforms simultaneously Data/file save Setup/image Setup (*.scp), 8 or 24-bit bitmap image (*.bmp), PNG 24-bit image (*.png) Waveform data CSV data (*.csv), ASCII XY data (*.csv), binary data (*.bin), lister data (*.csv), reference waveform data (*.h5), multichannel waveform data (*.h5), arbitrary waveform data (*.csv) Application data Mask (*.msk), power harmonics data (*.csv), USB signal quality (*.html and *.bmp) Analysis results (*.csv) Cursor data, measurement results, histogram statistics, mask test statistics, color grade bin, search, segmented timestamps Max USB flash drive size Supports industry standard flash drives Set ups without USB flash drive 10 internal setups Set ups with USB flash drive Limited by size of USB drive Included standard with oscilloscope Calibration Certificate of calibration, 2-year calibration interval Probe One per channel, N2894A 700-MHz passive probe (10:1 attenuation) N2756A 16-digital-channel MSO cable (1 per oscilloscope included on all MSO models and DSOX6MSO upgrade option) Interface language support/built-in help English, Chinese (simplified and traditional), French, German, Italian, Japanese, Korean, Portuguese, Russian, and Spanish localized front-panel overlays, interface, and built-in help system Voice control support English (American), English (British), English (Indian), Chinese Simplified (Mainland), Chinese Simplified (Cantonese), Chinese Traditional (Taiwan), Chinese Traditional (Cantonese), French, German, Italian, Japanese, Korean, Portuguese, Russian, Spanish (Latin America) and Spanish (Castilian) Power cord Localized power cord Front-panel protection Front-panel cover Documentation CD containing localized user’s guide, service guide, and programmer’s manual Related literature Publication title Publication number Jitter Analysis - Application Note 5991-4000EN Automotive Serial Bus Testing Using Keysight’s InfiniiVision X-Series and Infiniium S-Series Oscilloscopes - Application Note 5991-4038EN Physical Layer Testing of the USB 2.0 Serial Bus Using InfiniiVision 6000 X-Series and Infiniium Series Oscilloscopes - Application Note 5991-4167EN Evaluating Oscilloscopes for Low-Power Measurements - Application Note 5991-4268EN InfiniiVision and Infiniium Oscilloscopes - Product Fact Sheet 5991-4273EN Evaluating Current Probe Technologies for Low-Power Measurements - Application Note 5991-4375EN Performance Characteristics (Continued) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |