Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5309D Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE5309D
Description  Separate supply pins for AMR and GMR sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5309D Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE5309D Datasheet HTML 19Page - Infineon Technologies AG TLE5309D Datasheet HTML 20Page - Infineon Technologies AG TLE5309D Datasheet HTML 21Page - Infineon Technologies AG TLE5309D Datasheet HTML 22Page - Infineon Technologies AG TLE5309D Datasheet HTML 23Page - Infineon Technologies AG TLE5309D Datasheet HTML 24Page - Infineon Technologies AG TLE5309D Datasheet HTML 25Page - Infineon Technologies AG TLE5309D Datasheet HTML 26Page - Infineon Technologies AG TLE5309D Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Data Sheet
23
V 1.1
2017-10
TLE5309D
Dual GMR/AMR Angle Sensor
Specification
Figure 19
Typical residual angle error of fully and one-time compensated GMR sensor for differential
output at different temperatures (measured at 0 h); one-time compensation is calibrated at
T = 25°C and B = 40 mT; TLE5309D derivative with TCO1) and 3.3 V supply voltage is used
Figure 20
Typical residual angle error of fully and one-time compensated AMR sensor for differential
output at different temperatures (measured at 0 h); one-time compensation is calibrated at
T = 25°C and B = 40 mT; TLE5309D derivative with TCO1) and 3.3 V supply voltage is used
1) Temperature Compensation Offset
0
0.2
0.4
0.6
0.8
1
20
40
60
80
magnetic induction (mT)
Fully compensated
25°C
‐40°C
125°C
0
0.2
0.4
0.6
0.8
1
20
40
60
80
magnetic induction (mT)
One‐time compensated
25°C
‐40°C
125°C
0
0.1
0.2
0.3
0.4
0.5
0.6
20
40
60
80
magnetic induction (mT)
Fully compensated
25°C
‐40°C
125°C
0
0.1
0.2
0.3
0.4
0.5
0.6
20
40
60
80
magnetic induction (mT)
One‐time compensated
25°C
‐40°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com