Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5309D Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE5309D
Description  Separate supply pins for AMR and GMR sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5309D Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE5309D Datasheet HTML 6Page - Infineon Technologies AG TLE5309D Datasheet HTML 7Page - Infineon Technologies AG TLE5309D Datasheet HTML 8Page - Infineon Technologies AG TLE5309D Datasheet HTML 9Page - Infineon Technologies AG TLE5309D Datasheet HTML 10Page - Infineon Technologies AG TLE5309D Datasheet HTML 11Page - Infineon Technologies AG TLE5309D Datasheet HTML 12Page - Infineon Technologies AG TLE5309D Datasheet HTML 13Page - Infineon Technologies AG TLE5309D Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Data Sheet
10
V 1.1
2017-10
TLE5309D
Dual GMR/AMR Angle Sensor
Specification
2
Specification
2.1
Application circuit
The TLE5309D sensor can be used in single-ended or differential output mode. Figure 9 shows a typical
application circuit for the TLE5309D in single-ended output mode using the positive output channels. For
single-ended operation the positive or negative output channels can be used. Unused single-ended output
pins should preferably be floating or connected to GND with a high-ohmic resistance (> 100 kΩ). The TLE5309D
has separate supply pins for the GMR sensor and the AMR sensor. The microcontroller comprises up to 10 A/D
inputs used to receive the sensor output signals in differential output mode, illustrated in Figure 10. For
reasons of EMC and output filtering, the following RC low pass arrangement is recommended. The RC low pass
has to be adapted according to the applied rotation speed. 1)
Figure 9
Application circuit for the TLE5309D in single-ended output mode; positive output channels
used
1)E. g. the RC low pass with R=2.15kΩ and C=47nF is appropriate for a rotation speed up to 60,000 rpm.
TLE5309D
100nF
μController
100nF
*) Not used single-ended output pins should be floating. Another option is connected to GND with a high-ohmic resistance (>100k
Ω)
*)
*)
*)
*)
4.7nF
47nF
47nF
4.7nF
47nF
47nF
AMR
AMR VDD
AMR GND
AMR GND
AMR SIN_P
AMR SIN_N
AMR COS_P
AMR COS_N
AMR VDIAG
GMR
GMR VDD
GMR GND
GMR SIN_P
GMR SIN_N
GMR COS_P
GMR COS_N
GMR VDIAG
GMR GND
GMR
GND
GMR
GND
GMR VDD
AMR VDD
GMR GND
AMR GND
AMR
GND
AMR
GND
GMR
GND
AMR
GND
2.15k
Ω
2.15k
Ω
2.15k
Ω
2.15k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com