Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5309D Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE5309D
Description  Separate supply pins for AMR and GMR sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5309D Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE5309D Datasheet HTML 5Page - Infineon Technologies AG TLE5309D Datasheet HTML 6Page - Infineon Technologies AG TLE5309D Datasheet HTML 7Page - Infineon Technologies AG TLE5309D Datasheet HTML 8Page - Infineon Technologies AG TLE5309D Datasheet HTML 9Page - Infineon Technologies AG TLE5309D Datasheet HTML 10Page - Infineon Technologies AG TLE5309D Datasheet HTML 11Page - Infineon Technologies AG TLE5309D Datasheet HTML 12Page - Infineon Technologies AG TLE5309D Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Data Sheet
9
V 1.1
2017-10
TLE5309D
Dual GMR/AMR Angle Sensor
Functional description
1.5
Dual die angle output
The bottom sensor element of the TLE5309D is an AMR sensor, the signal of which is only unambiguous over
180°. Therefore, in the angle range of 180° to 360° of the GMR sensor, the AMR sensor output signal will be in a
range of 0° to 180° again. This behavior is illustrated in Figure 8, which shows the angle calculated according
to Equation (1) and Equation (2) from the output of the GMR and AMR sensors, respectively, for a given
external magnetic field orientation.
If in an application a different output of the two sensors is desired, the connections to the SIN_N and SIN_P or
COS_N and COS_P pins on the printed circuit board can be interchanged. The consequence of this change of
connections is that either the differential sine or the cosine signal are inverted, which corresponds to a change
of rotation direction (see dashed line in Figure 8).
Figure 8
Dual die angle output
Attention: The positioning accuracy of each sensor IC in the package is ±3°. Thus, the relative rotation of the
two sensor ICs can be up to 6°, resulting in a constant offset of the angle output of up to 6°, which has
to be measured in an end-of-line calibration and taken into account during operation of the
TLE5309D.
0°
90°
180°
270°
360 °
90°
180 °
270 °
360°
GMR sensor output
AMR sensor output
external magnetic field angle
AMR sensor output
(SIN inverted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com