Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5309D Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE5309D
Description  Separate supply pins for AMR and GMR sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5309D Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE5309D Datasheet HTML 2Page - Infineon Technologies AG TLE5309D Datasheet HTML 3Page - Infineon Technologies AG TLE5309D Datasheet HTML 4Page - Infineon Technologies AG TLE5309D Datasheet HTML 5Page - Infineon Technologies AG TLE5309D Datasheet HTML 6Page - Infineon Technologies AG TLE5309D Datasheet HTML 7Page - Infineon Technologies AG TLE5309D Datasheet HTML 8Page - Infineon Technologies AG TLE5309D Datasheet HTML 9Page - Infineon Technologies AG TLE5309D Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Data Sheet
6
V 1.1
2017-10
TLE5309D
Dual GMR/AMR Angle Sensor
Functional description
AMR sensor
The output signal of an AMR bridge is unambiguous in a range of 90°. Therefore two bridges are oriented at an
angle of 45° to each other to measure 180°.
Figure 4
Sensitive bridges of the AMR sensor (bottom die)
Note:
In Figure 4, the size of the sensitive areas is greatly exaggerated for better visualization.
With the trigonometric function ARCTAN2, the true 180° angle value that is represented by the relation of X and
Y signals can be calculated according to Equation (2). The AMR sensing element internally measures the
double angle, so the result has to be divided by 2. At external magnetic angles
α between 180° and 360°, the
angle measured by the sensor is
α - 180°.
(2)
Figure 5
Ideal output of the AMR sensor bridges
0°
N
S
90°
Cos+
VDD
Cos-
Sin+
Sin-
GND
V
Y
VX
α = arctan2(Vx,Vy) / 2
V
Angle
α
90°
180°
0°
VX (COS_P)
VY (SIN_P)
VY (SIN_N)
VX (COS_N)
45°
135°
VMV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com