Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5309D Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE5309D
Description  Separate supply pins for AMR and GMR sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5309D Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE5309D Datasheet HTML 12Page - Infineon Technologies AG TLE5309D Datasheet HTML 13Page - Infineon Technologies AG TLE5309D Datasheet HTML 14Page - Infineon Technologies AG TLE5309D Datasheet HTML 15Page - Infineon Technologies AG TLE5309D Datasheet HTML 16Page - Infineon Technologies AG TLE5309D Datasheet HTML 17Page - Infineon Technologies AG TLE5309D Datasheet HTML 18Page - Infineon Technologies AG TLE5309D Datasheet HTML 19Page - Infineon Technologies AG TLE5309D Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Data Sheet
16
V 1.1
2017-10
TLE5309D
Dual GMR/AMR Angle Sensor
Specification
2.3.2
Electrical parameters
The indicated electrical parameters apply to the full operating range, unless otherwise specified. The typical
values correspond to the specified supply voltage range and 25°C, unless individually specified. All other
values correspond to -40°C < TA < 125°C and through the TLE5309D lifetime.
2.3.3
Output parameters
All parameters apply over the full operating range, unless otherwise specified. The parameters in Table 6 refer
to single pin output and Table 7 to differential output. For variable names please refer to Figure 15 “GMR
sensor single-ended output signals” on Page 18 and Figure 17 “GMR differential output of ideal cosine” on
Page 19.
The following equations describe various types of errors that combine to the overall angle error.
The maximum and zero-crossing of the SIN and COS signals do not occur at the precise angle of 90°. The
difference between the X and Y phases is called the orthogonality error. In Equation (3) the angle at zero
crossing of the X COS output is subtracted from the angle at the maximum of the Y SIN output, which describes
the orthogonality of X and Y.
(3)
The amplitudes of SIN and COS signals are not equal to each other. The amplitude mismatch is defined as
synchronism, shown in Equation (4). This value could also be described as amplitude ratio mismatch.
(4)
Table 5
Electrical parameters
Parameter
Symbol
Values
Unit
Note or Test Condition
Min.
Typ.
Max.
Supply current GMR
IDD
7
10.5
mA
Without load on output pins
Supply current AMR
6
9.5
mA
Without load on output pins
POR level
VPOR
2.3
2.65
2.97
V
Power-On Reset
POR hysteresis1)
1) Not subject to production test - verified by design/characterization.
VPORhy
50
mV
Power-On time2)
2) Time measured at chip output pins.
tPON
40
70
µs
Settling time to 90% of full output
voltages
Temperature reference
voltage
VDIAG
0.5
1.05
2.0
V
Temperature proportional output
voltage; available on pin VDIAG
Diagnostic function
VDIAG
00.39
V
Diagnostic for internal errors;
available on pin VDIAG
Temperature coefficient of
VDIAG1)
TCVDIAG
0.4
%/K
Y
X
A
A
k
*
100
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com