Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5309D Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE5309D
Description  Separate supply pins for AMR and GMR sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5309D Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE5309D Datasheet HTML 15Page - Infineon Technologies AG TLE5309D Datasheet HTML 16Page - Infineon Technologies AG TLE5309D Datasheet HTML 17Page - Infineon Technologies AG TLE5309D Datasheet HTML 18Page - Infineon Technologies AG TLE5309D Datasheet HTML 19Page - Infineon Technologies AG TLE5309D Datasheet HTML 20Page - Infineon Technologies AG TLE5309D Datasheet HTML 21Page - Infineon Technologies AG TLE5309D Datasheet HTML 22Page - Infineon Technologies AG TLE5309D Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Data Sheet
19
V 1.1
2017-10
TLE5309D
Dual GMR/AMR Angle Sensor
Specification
Figure 17
GMR differential output of ideal cosine
Table 7
Differential output parameters over temperature and lifetime
Parameter
Symbol
Values
Unit
Note or Test Condition
Min.
Typ.
Max.
X, Y amplitude
AXdiff, AYdiff 1.4
2.6
V
Sensors with 3.3 V supply
2.4
3.9
V
Sensors with 5.0 V supply
X, Y synchronism
k
94
100
106
%
GMR
96
100
104
%
AMR
X, Y orthogonality error
φ
-12
12
°
GMR (AMR negligible)
X, Y offset
OXdiff, OYdiff -100
0
100
mV
GMR
-200
0
200
mV
AMR
X,Y cut-off frequency1)
1) Not subject to production test - verified by design/characterization.
fc
30
kHz
-3dB attenuation
X,Y delay time1)2)
2) Time measured at chip output pins.
tadel
9µs
Vector Length
(VVEC = Sqrt(XDiff2 + YDiff2))
VVEC
1.5
2.8
Sensors with 3.3 V supply
2.5
3.9
Sensors with 5.0 V supply
Output noise1)
VNoise
5mV
RMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com