Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ2362DF Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MPQ2362DF
Description  Dual 2A, 23V, 380kHz Step-Down Converter with Frequency Synchronization with AEC-Q100 Qualified
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2362DF Datasheet(HTML) 2 Page - Monolithic Power Systems

  MPQ2362DF Datasheet HTML 1Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 2Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 3Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 4Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 5Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 6Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 7Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 8Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MPQ2362
— DUAL 2A, 23V, 380kHz STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ2362 Rev. 1.0
www.MonolithicPower.com
2
5/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
MPQ2362DF-AEC1*
TSSOP20F
MP2362DF
MPQ2362DF**
* For Tape & Reel, add suffix -Z (e.g. MPQ2362DF-AEC1-Z).
For RoHS Compliant Packaging, add suffix -LF (e.g. MPQ2362DF-AEC1-LF-Z)
* * For Tape & Reel, add suffix -Z (e.g. MPQ2362DF-Z).
For RoHS Compliant Packaging, add suffix -LF (e.g. MPQ2362DF-LF-Z)
PACKAGE REFERENCE
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage (INA, INB )................................25V
Switch Voltage (SWA, SWB) ..............................26V
Bootstrap Voltage (BSA, BSB)...................VSW + 6V
Feedback Voltage (FBA, FBB)............ –0.3V to +6V
Enable/UVLO Voltage (ENA, ENB) ..... –0.3V to +6V
Comp Voltage (COMPA, COMPB).......... –0.3V to +6V
SYNC Voltage (SYNCA, SYNCB) .......... –0.3V to +6V
Continuous Power Dissipation (TA = +25°C)
(2)
………………………………………………....3.1W
Junction Temperature ............................ +150
C
Lead Temperature ................................. +260
C
Storage Temperature..............
–65°C to +150
C
Recommended Operating Conditions
(3)
Supply Voltage (VIN)...................... 4.75V to 23V
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
TSSOP20F .............................40 ....... 6 ....
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com