Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ2362DF Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MPQ2362DF
Description  Dual 2A, 23V, 380kHz Step-Down Converter with Frequency Synchronization with AEC-Q100 Qualified
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2362DF Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MPQ2362DF Datasheet HTML 7Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 8Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 9Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 10Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 11Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 12Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 13Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 14Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MPQ2362
— DUAL 2A, 23V, 380kHz STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ2362 Rev. 1.0
www.MonolithicPower.com
11
5/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
For simplification, choose the input capacitor
whose RMS current rating greater than half of
the maximum load current.
The input capacitor can be electrolytic, tantalum
or ceramic. When using electrolytic or tantalum
capacitors,
a
small,
high
quality
ceramic
cap
acitor, i.e. 0.1μF, should be placed as close
to the IC as possible.
When using ceramic capacitors, make sure that
they have enough capacitance to provide
sufficient charge prevent excessive voltage
ripple at input. The input voltage ripple caused
by capacitance can be estimated by:


IN
OUT
IN
OUT
S
LOAD
IN
V
V
1
V
V
1
C
f
I
V
Output Capacitor
The output capacitor is required to maintain the
DC output voltage. Ceramic, tantalum, or low
ESR electrolytic capacitors are recommended.
Low ESR capacitors are preferred to keep the
output voltage ripple low. The output voltage
ripple can be estimated by:




2
C
f
8
1
R
V
V
1
1
L
f
V
V
S
ESR
IN
OUT
S
OUT
OUT
Where L1 is the inductor value, C2 is the output
capacitance value, and RESR is the equivalent
series resistance (ESR) value of the output
capacitor.
In
the
case
of
ceramic
capacitors,
the
impedance
at
the
switching
frequency
is
dominated by the capacitance. The output
voltage
ripple
is
mainly
caused
by
the
capacitance.
For
simplification,
the
output
voltage ripple can be estimated by:


IN
OUT
2
S
OUT
OUT
V
V
1
2
C
1
L
f
8
V
ΔV
In the case of tantalum or electrolytic capacitors,
the ESR dominates the impedance at the
switching frequency. For simplification, the
output ripple can be approximated to:
ESR
IN
OUT
S
OUT
OUT
R
V
V
1
1
L
f
V
ΔV
The characteristics of the output capacitor also
affect the stability of the regulation system. The
MPQ2362 can be optimized for a wide range of
capacitance and ESR values.
Compensation Components
The MPQ2362 employs current mode control
on each channel for easy compensation and
fast transient response. The system stability
and transient response are controlled through
the COMP pin. COMP pin is the output of the
internal transconductance error amplifier. A
series capacitor-resistor combination sets a
pole-zero
combination
to
control
the
characteristics of the control system.
The DC gain of the voltage feedback loop is
given by:
OUT
FB
VEA
CS
LOAD
VDC
V
V
A
G
R
A
Where AVEA is the error amplifier voltage gain,
GCS is the current sense transconductance and
RLOAD is the load resistor value.
The system has two poles of importance. One
is due to the compensation capacitor (C3) and
the output resistor of error amplifier, and the
other is due to the output capacitor and the load
resistor. These poles are located at:
VEA
EA
1
P
A
3
C
2
G
f
LOAD
2
P
R
2
C
2
1
f
Where
GEA
is
the
error
amplifier
transconductance.
The system has one zero of importance, due to
the compensation capacitor (C3) and the
compensation resistor (R3). This zero is located
at:
3
R
3
C
2
1
f
1
Z
The
system
may
have
another
zero
of
importance, if the output capacitor has a large
capacitance and/or a high ESR value. The zero,
due to the ESR and capacitance of the output
capacitor, is located at:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com