Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ2362DF Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ2362DF
Description  Dual 2A, 23V, 380kHz Step-Down Converter with Frequency Synchronization with AEC-Q100 Qualified
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2362DF Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ2362DF Datasheet HTML 1Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 2Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 3Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 4Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 5Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 6Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 7Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 8Page - Monolithic Power Systems MPQ2362DF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MPQ2362-AEC1
Dual 2A, 23V, 380kHz Step-Down Converter
with Frequency Synchronization
with AEC-Q100 Qualified
MPQ2362 Rev. 1.0
www.MonolithicPower.com
1
5/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
DESCRIPTION
The MPQ2362 is a dual monolithic step-down
switch mode converter with built-in internal
power MOSFETs. It achieves 2A continuous
output current for each output over a wide input
supply range with excellent load and line
regulation. Each channel can be independently
synchronized to a frequency up to 1.2MHz.
Current mode operation provides fast transient
response and eases loop stabilization.
Fault condition protection includes cycle-by-cycle
current
limiting
and
thermal
shutdown.
In
shutdown mode the regulator draws 40
μA of
supply current.
The MPQ2362 requires a minimum number of
readily available standard external components.
EVALUATION BOARD REFERENCE
Board Number
Dimensions
EVQ2362DF-00A
2.2”X x 1.6”Y x 0.4”Z
FEATURES
 Guaranteed Industrial/Automotive Temp
Range Limits
 2A Current for Each Output
 0.18Ω Internal Power MOSFET Switch
 Stable with Low ESR Ceramic Capacitors
 Up to 90% Efficiency
 40μA Shutdown Mode
 Fixed 380kHz Frequency
 Thermal Shutdown
 Wide 4.75V to 23V Operating Input Range
 Each Output Adjustable from 1.22V to 16V
 Configurable for Single Output with Double
the Current
 Programmable Under Voltage Lockout
 Frequency Synchronization Input
 Available in TSSOP20 with Exposed Pad
Package
 Available in AEC-Q100 Qualified Grade 1
APPLICATIONS
 Automotive and Industrial Power Systems
 Distributed Power Systems
 I/O and Core supplies
 Set top boxes
 Cable Modems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MPQ2362DF

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
MPQ2369 CENTRAL-MPQ2369 Datasheet
137Kb / 1P
QUAD TRANSISTORS
MPQ2369 CENTRAL-MPQ2369_15 Datasheet
37Kb / 1P
NPN SILICON QUAD TRANSISTOR
More results

Similar Description - MPQ2362DF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2354 MPS-MP2354 Datasheet
243Kb / 10P
2A, 23V, 380KHz Step-Down Converter
MP2354 MPS-MP2354_06 Datasheet
234Kb / 10P
2A, 23V, 380KHz Step-Down Converter
MP2362 MPS-MP2362 Datasheet
353Kb / 11P
Dual 2A, 23V, 380KHz Step-Down Converter with Frequency Synchronization
MP8642 MPS-MP8642 Datasheet
342Kb / 12P
Dual 3A, 23V, 600kHz Step-Down Converter with Frequency Synchronization
MPQ4420 MPS-MPQ4420 Datasheet
749Kb / 20P
High Efficiency 2A, 36V, Synchronous Step-Down Converter AEC-Q100 Qualified
MPQ4420H MPS-MPQ4420H Datasheet
770Kb / 20P
High Efficiency 2A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
logo
Feeling Technology Corp...
FP6181 FEELING-FP6181 Datasheet
410Kb / 14P
2A, 23V, 380KHz Step-Down Converter
FP6182 FEELING-FP6182 Datasheet
618Kb / 13P
2A, 23V, 380KHz Step-Down Converter
FP6185 FEELING-FP6185 Datasheet
419Kb / 14P
2A, 23V, 380KHz Step-Down Converter
logo
MPS Industries, Inc.
MPQ9842 MPSIND-MPQ9842 Datasheet
2Mb / 37P
36V, 2A, Low IQ,Step-Down Converter AEC-Q100 Qualified
Rev. 1.1 7/29/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com